Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3233 Datasheet(PDF) 91 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 91 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 87Page - Silicon Laboratories SI3233 Datasheet HTML 88Page - Silicon Laboratories SI3233 Datasheet HTML 89Page - Silicon Laboratories SI3233 Datasheet HTML 90Page - Silicon Laboratories SI3233 Datasheet HTML 91Page - Silicon Laboratories SI3233 Datasheet HTML 92Page - Silicon Laboratories SI3233 Datasheet HTML 93Page - Silicon Laboratories SI3233 Datasheet HTML 94Page - Silicon Laboratories SI3233 Datasheet HTML 95Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
Si3233
Preliminary Rev. 0.5
91
5. Pin Descriptions: Si3233
Pin #
Name
Description
35
CS
Chip Select.
Active low. When inactive, SCLK and SDI are ignored and SDO is high impedance. When
active, the serial port is operational.
36
INT
Interrupt.
Maskable interrupt output. Open drain output for wire-ORed operation.
37
PCLK
PCM Bus Clock.
Clock input.
38
TEST2
Test.
Enables test modes for Silicon Labs internal testing. This pin should always be tied to
ground for normal operation.
1NC
No Connect.
2
FSYNC
Frame Synch.
8 kHz frame synchronization signal for the PCM bus. May be short or long pulse format.
3
RESET
Reset.
Active low input. Hardware reset used to place all control registers in the default state.
4
SDCH
DC Monitor.
DC-DC converter monitor input used to detect overcurrent situations in the converter.
5
SDCL
DC Monitor.
DC-DC converter monitor input used to detect overcurrent situations in the converter.
6VDDA1
Analog Supply Voltage.
Analog power supply for internal analog circuitry.
7IREF
Current Reference.
Connects to an external resistor used to provide a high accuracy reference current.
27
28
29
30
31
34 33 32
1
2
3
4
5
6
7
8
9
10
11
12 13
26
25
14
35
36
37
38
15 16 17 18 19
24
23
22
21
20
NC
FSYNC
RESET
SDCH
SDCL
VDDA1
IREF
CAPP
QGND
CAPM
STIPDC
SRINGDC
IGMP
IRINGN
IRINGP
VDDA2
ITIPP
ITIPN
VDDD
GNDD
DCFF
DCDRV
SDITHRU
TEST1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com