Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3233 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 9Page - Silicon Laboratories SI3233 Datasheet HTML 10Page - Silicon Laboratories SI3233 Datasheet HTML 11Page - Silicon Laboratories SI3233 Datasheet HTML 12Page - Silicon Laboratories SI3233 Datasheet HTML 13Page - Silicon Laboratories SI3233 Datasheet HTML 14Page - Silicon Laboratories SI3233 Datasheet HTML 15Page - Silicon Laboratories SI3233 Datasheet HTML 16Page - Silicon Laboratories SI3233 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
Si3233
Preliminary Rev. 0.5
13
Figure 4. Si3233 DC-DC Converter Circuit
Table 12. Si3233 DC-DC Converter Component Values
Component(s)
Value
Supplier
C9
10 µF, 100 V, Electrolytic, ±20%, low ESR (tan(
δ)< 0.08)
Panasonic
C10
0.1 µF, 50 V, X7R, ±20%
Murata, Johanson, Novacap, Venkel
C14*
0.1 µF, X7R, ±20%, low ESR (tan(
δ)< 0.08)
Murata, Johanson, Novacap, Venkel
C25*
10 µF, Electrolytic, ±20%
Panasonic
R16
200
Ω, 1/10 W, ±5%
R17
1/10 W, ±5% (See AN45 or Table 17 for value selection)
R18
1/4 W, ±5% (See AN45 or Table 17 for value selection)
R19,R20
1/10 W, ±1% (See AN45 or Table 17 for value selection)
F1
Fuse
Belfuse SSQ Series
D1
Ultra Fast Recovery 200 V, 1A Rectifier
General Semi ES1D; Central Semi
CMR1U-02
L1
1A, Shielded Inductor (See AN45 or
Table 17 for value selection)
API Delevan SPD127 series, Sum-
ida CDRH127 series, Datatronics
DR340-1 series, Coilcraft DS5022
Q7
120 V, High Current Switching PNP
Zetex FZT953, FZT955, ZTX953,
ZTX955
Q8
60 V, General Purpose Switching NPN
ON Semi MMBT2222ALT1,
MPS2222A; Central Semi
CMPT2222A; Zetex FMMT2222
*Note: Voltage rating of this device must be greater than VDC.
Q8
2N2222
Q7
FZT953
D1
ES1D
C9
10uF
C252
10uF
C10
0.1 µF
R191
R201
R181
R16
200
R17
F1
SDCH
SDCL
DCFF
DCDRV
GND
L1
VBAT
C14 2
0.1uF
VDC
Note 1
Note 1
Notes:
1. Values and configurations for these components can be derived from
Table 17 or from App Note 45.
2. Voltage rating for C14 and C25 must be greater than VDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com