Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3233 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 35Page - Silicon Laboratories SI3233 Datasheet HTML 36Page - Silicon Laboratories SI3233 Datasheet HTML 37Page - Silicon Laboratories SI3233 Datasheet HTML 38Page - Silicon Laboratories SI3233 Datasheet HTML 39Page - Silicon Laboratories SI3233 Datasheet HTML 40Page - Silicon Laboratories SI3233 Datasheet HTML 41Page - Silicon Laboratories SI3233 Datasheet HTML 42Page - Silicon Laboratories SI3233 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
Si3233
Preliminary Rev. 0.5
39
38
Oscillator 1 Inactive
Timer—Low Byte
OIT1[7:0]
39
Oscillator 1 Inactive
Timer—High Byte
OIT1[15:8]
40
Oscillator 2 Active
Timer—Low Byte
OAT2[7:0]
41
Oscillator 2 Active
Timer—High Byte
OAT2[15:8]
42
Oscillator 2 Inactive
Timer—Low Byte
OIT2[7:0]
43
Oscillator 2 Inactive
Timer—High Byte
OIT2[15:8]
48
Ringing Oscillator
Active Timer—Low Byte
RAT[7:0]
49
Ringing Oscillator
Active Timer—High Byte
RAT[15:8]
50
Ringing Oscillator Inac-
tive Timer—Low Byte
RIT[7:0]
51
Ringing Oscillator Inac-
tive Timer—High Byte
RIT[15:8]
52
FSK Data
FSKDAT
SLIC
63
Loop Closure Debounce
Interval for Automatic
Ringing
LCD[7:0]
64
Linefeed Control
LFS[2:0]
LF[2:0]
65
External Bipolar
Transistor Control
SQH
CBY
ETBE
ETBO[1:0]
ETBA[1:0]
66
Battery Feed Control
VOV
FVBAT
TRACK
67
Automatic/Manual
Control
MNCM
MNDIF
SPDS
AORD
AOLD
AOPN
68
Loop Closure/Ring Trip
Detect Status
DBIRAW
RTP
LCR
69
Loop Closure Debounce
Interval
LCDI[6:0]
70
Ring Trip Detect
Debounce Interval
RTDI[6:0]
71
Loop Current Limit
ILIM[2:0]
72
On-Hook Line Voltage
VSGN
VOC[5:0]
73
Common Mode Voltage
VCM[5:0]
74
High Battery Voltage
VBATH[5:0]
Table 29. Direct Register Summary (Continued)
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com