Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3233 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 17Page - Silicon Laboratories SI3233 Datasheet HTML 18Page - Silicon Laboratories SI3233 Datasheet HTML 19Page - Silicon Laboratories SI3233 Datasheet HTML 20Page - Silicon Laboratories SI3233 Datasheet HTML 21Page - Silicon Laboratories SI3233 Datasheet HTML 22Page - Silicon Laboratories SI3233 Datasheet HTML 23Page - Silicon Laboratories SI3233 Datasheet HTML 24Page - Silicon Laboratories SI3233 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Si3233
Preliminary Rev. 0.5
21
2.2.5. Power Monitoring and Line Fault Detection
In addition to reporting voltages and currents, the
ProSLIC continuously monitors the power dissipated in
each linefeed transistor. Realtime output power of any
one of the six linefeed transistors can be read by setting
the Power Monitor Pointer (direct Register 76) to point
to the desired transistor and then reading the Line
Power Output Monitor (direct Register 77).
The realtime power measurements are low-pass filtered
and compared to a maximum power threshold.
Maximum power thresholds and filter time constants are
software programmable and should be set for each
transistor pair based on the characteristics of the
transistors used. Table 22 describes the registers
associated with this function. If the power in any
external transistor exceeds the programmed threshold,
a power alarm event is triggered. The ProSLIC sets the
Power Alarm register bit, generates an interrupt (if
enabled), and automatically enters the Open state (if
AOPN = 1).
This
feature
protects
the
external
transistors from fault conditions and, combined with the
loop voltage and current monitors, allows diagnosis of
the type of fault condition present on the line.
The value of each thermal low-pass filter pole is set
according to the equation:
where
τ is the thermal time constant of the transistor
package, 4096 is the full range of the 12-bit register, and
800 is the sample rate in hertz. Generally
τ = 3 seconds
for SOT223 packages and
τ = 0.16 seconds for SOT23,
but check with the manufacturer for the package
thermal constant of a specific device. For example, the
power alarm threshold and low-pass filter values for Q5
and Q6 using a SOT223 package transistor are
computed as follows:
Thus,
indirect
Register 21
should
be
set
to
2Ah x 27 = 1500h.
Note:
The power monitor resolution for Q3 and Q4 is different
from that of Q1, Q2, Q5, and Q6.
Thermal LPF Pole [12:0]
4096
800
τ
×
------------------
=
PT56[7:0]
PMAX
Resolution
-------------------------------
1.28
0.0304
------------------
42
2Ah
==
=
=
Table 22. Associated Power Monitoring and Power Fault Registers
Parameter
Description/
Range
Resolution
Register
Bits
Location*
Power Monitor Pointer
0 to 5 points to Q1
to Q6, respectively
N/A
PWRMP[2:0]
Direct Register 76
Line Power Monitor Output
0 to 7.8 W for Q1,
Q2, Q5, Q6
0 to 0.9 W for Q3,
Q4
30.4 mW
3.62 mW
PWROM[7:0]
Direct Register 77
Power Alarm Threshold, Q1 & Q2
0 to 7.8 W
30.4 mW
PPT12[7:0]
Indirect Register 19
Power Alarm Threshold, Q3 & Q4
0 to 0.9 W
3.62 mW
PPT34[7:0]
Indirect Register 20
Power Alarm Threshold, Q5 & Q6
0 to 7.8 W
30.4 mW
PPT56[7:0]
Indirect Register 21
Thermal LPF Pole, Q1 & Q2
see equation above
NQ12[12:0]
Indirect Register 24
Thermal LPF Pole, Q3 & Q4
see equation above
NQ34[12:0]
Indirect Register 25
Thermal LPF Pole, Q5 & Q6
see equation above
NQ56[12:0]
Indirect Register 26
Power Alarm Interrupt Pending
Bits 2 to 7 corre-
spond to Q1 to Q6,
respectively
N/A
QnAP[n+1],
where n = 1 to 6
Direct Register 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com