Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1155 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1155
Description  Programmable Synchronous DC/DC Hysteretic Controller with VRM 9.0VID Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1155 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1155 Datasheet HTML 1Page - Semtech Corporation SC1155 Datasheet HTML 2Page - Semtech Corporation SC1155 Datasheet HTML 3Page - Semtech Corporation SC1155 Datasheet HTML 4Page - Semtech Corporation SC1155 Datasheet HTML 5Page - Semtech Corporation SC1155 Datasheet HTML 6Page - Semtech Corporation SC1155 Datasheet HTML 7Page - Semtech Corporation SC1155 Datasheet HTML 8Page - Semtech Corporation SC1155 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1155
PRELIMINARY
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
n
o
i
t
a
s
n
e
p
m
o
C
p
o
o
r
D
y
c
a
r
u
c
c
A
l
a
i
t
i
n
IV
C
C
A
P
O
O
R
D
V
P
O
O
R
D
V
m
0
5
=5
V
m
n
o
i
t
c
e
t
o
r
P
t
n
e
r
r
u
c
r
e
v
O
t
n
i
o
P
p
i
r
T
P
C
OV
P
C
O
9
0
.
01
.
01
1
.
0V
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
Is
a
i
b
I
P
C
O
0
0
1A
n
g
n
i
s
n
e
S
S
D
V
e
d
i
S
-
h
g
i
H
n
i
a
G
2V
/
V
y
c
a
r
u
c
c
A
l
a
i
t
i
n
IV
C
C
A
T
U
O
I
V
E
S
N
E
S
I
H
V
,
V
2
1
=
O
L
T
U
O
I
V
9
.
1
1
=6
V
m
e
c
r
u
o
S
T
U
O
Ie
c
r
u
o
s
I
T
U
O
I
V
T
U
O
I
V
,
V
5
.
0
=
E
S
N
E
S
I
H
,
V
2
1
=
V
O
L
T
U
O
I
V
5
.
1
1
=
0
0
5A
µ
t
n
e
r
r
u
C
k
n
i
S
T
U
O
I
k
n
i
s
I
T
U
O
I
V
T
U
O
I
V
,
V
5
0
.
0
=
E
S
N
E
S
I
H
,
V
2
1
=
V
O
L
T
U
O
I
V
2
1
=
0
40
5A
µ
g
n
i
w
S
e
g
a
t
l
o
V
T
U
O
I
V
V
)
1
1
(
T
U
O
I
V
E
S
N
E
S
I
H
R
,
V
1
1
=
T
U
O
I
m
h
0
K
0
1
=0
5
7
.
3V
V
)
5
.
4
(
T
U
O
I
V
E
S
N
E
S
I
H
,
V
5
.
4
=
R
T
U
O
I
m
h
0
k
0
1
=
00
.
2V
V
)
3
(
T
U
O
I
V
E
S
N
E
S
I
H
R
,
V
3
=
T
U
O
I
m
h
0
k
0
1
=0
0
.
1V
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
h
g
i
H
E
S
N
E
S
O
Lh
i
V
E
S
N
E
S
O
L
V
E
S
N
E
S
I
H
)
1
e
t
o
N
(
V
5
.
4
=5
8
.
2V
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
w
o
L
E
S
N
E
S
O
Ll
i
V
E
S
N
E
S
O
L
V
E
S
N
E
S
I
H
)
1
e
t
o
N
(
V
5
.
4
=8
.
1V
e
c
n
a
t
s
i
s
e
R
d
l
o
H
/
e
l
p
m
a
SR
H
/
S
)
1
e
t
o
N
(0
55
60
8
Ω
e
c
n
e
r
e
f
e
R
d
e
r
e
f
f
u
B
n
o
i
t
a
l
u
g
e
R
d
a
o
L
B
F
E
R
Vg
e
r
d
l
V
B
F
E
R
I
<
A
µ
0
1
B
F
E
R
A
µ
0
0
5
<2
V
m
t
i
u
c
r
i
C
e
m
i
t
d
a
e
D
e
g
a
t
l
o
V
l
e
v
e
L
h
g
i
H
B
I
H
O
Lh
i
V
B
I
H
O
L
)
1
e
t
o
N
(2
V
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
w
o
L
B
I
H
O
Ll
i
V
B
I
H
O
L
)
1
e
t
o
N
(0
.
1V
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
h
g
i
H
R
D
W
O
Lh
i
V
R
D
W
O
L
)
1
e
t
o
N
(2
V
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
w
o
L
R
D
W
O
Ll
i
V
R
D
W
O
L
)
1
e
t
o
N
(0
.
1V
r
o
t
a
l
u
g
e
R
e
v
i
r
D
e
g
a
t
l
o
V
V
R
DV
V
R
D
I
,
V
6
.
2
1
<
V
2
1
N
I
V
<
4
.
1
1
V
R
D
A
m
0
5
=7
9
V
n
o
i
t
a
l
u
g
e
R
d
a
o
Lg
e
r
d
l
V
V
R
D
I
<
A
m
1
V
R
D
A
m
0
5
<0
0
1V
m
t
n
e
r
r
u
C
t
i
u
c
r
i
C
t
r
o
h
St
r
o
h
s
I
V
R
D
0
0
1A
m
DC Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com