Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1155 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1155
Description  Programmable Synchronous DC/DC Hysteretic Controller with VRM 9.0VID Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1155 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1155 Datasheet HTML 1Page - Semtech Corporation SC1155 Datasheet HTML 2Page - Semtech Corporation SC1155 Datasheet HTML 3Page - Semtech Corporation SC1155 Datasheet HTML 4Page - Semtech Corporation SC1155 Datasheet HTML 5Page - Semtech Corporation SC1155 Datasheet HTML 6Page - Semtech Corporation SC1155 Datasheet HTML 7Page - Semtech Corporation SC1155 Datasheet HTML 8Page - Semtech Corporation SC1155 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1155
Programmable Synchronous DC/DC
Hysteretic Controller with VRM 9.0 VID Range
PRELIMINARY
.eatures
Applications
Revision 2, June 2001
Description
The SC1155 is a synchronous-buck switch-mode con-
troller designed for use in single ended power supply ap-
plications where efficiency is the primary concern. The
controller is a hysteretic type, with a user selectable hys-
teresis. The SC1155 is ideal for implementing DC/DC
converters needed to power advanced microprocessors
such as Pentium® llI and Athlon®, in both single and mul-
tiple processor configurations. Inhibit, under-voltage lock-
out and soft-start functions are included for controlled
power-up.
SC1155 features include an integrated 5 bit D/A con-
verter, temperature compensated voltage reference,
current limit comparator, over-current protection, and an
adaptive deadtime circuit to prevent shoot-through of
the power MOS.ET during switching transitions. Power
good signaling, logic compatible shutdown, and over-volt-
age protection are also provided. The integrated D/A
converter provides programmability of output voltage
from 1.1V to 1.85V in 25mV increments.
The SC1155 high side driver can be configured as either
a ground-referenced or as a floating bootstrap driver.
The high and low side MOS.ET drivers have a peak cur-
rent rating of 2 amps.
K Server Systems and Workstations
K Pentium® III Core Supplies
K AMD Athlon® Core Supplies
K Multiple Microprocessor Supplies
K Voltage Regulator Modules
K Programmable hysteresis
K 5 bit DAC programmable output (1.1V-1.85V)
K On-chip power good and OVP functions
K Designed to meet latest Intel specifications
K Up to 95% efficiency
K +1% tolerance over temperature
Typical Application Circuit
R12
1.0
R14
1.6
L2
1.0uH
R3
*
R1
*
R4
1k
R2
1k
R5
*
R6
20k
R7
*
R8
10k
C5
C10
+12V
C8
0.033
R10
1k
+5V
R9
10k
+5V
C7
0.1
C1
0.1
Cin
Bulk
L1
0.5uH
PWRGD
INHIB
"POWER GOOD"
"INHIBIT"
+
_
Vin +5V/12V
1.10 to 1.825V
+
_
C9
1.0
Q1
.DB6035AL
Q2
.DB7030BL
Cout
Bulk
C4
0.01
R11
1k
C6
0.1
Cin
H.
Cout
H.
C2
0.001
C3
0.1
*) for the values see specific application circuit somewhere else in the datasheet
IOUT
1
DROOP
2
OCP
3
VHYST
4
VREFB
5
VSENSE
6
AGND
7
SOFTST
8
N/C
9
LODRV
10
LOHIB
11
DRVGND
12
LOWDR
13
DRV
14
VIN12V
15
BOOT
16
HIGHDR
17
BOOTLO
18
HISENSE
19
LOSENSE
20
IOUTLO
21
INHIBIT
22
VID4
23
VID3
24
VID2
25
VID1
26
VID0
27
PWRGD
28
U1
SC1155


Similar Part No. - SC1155

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1155 SEMTECH-SC1155 Datasheet
190Kb / 19P
PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE
SC1155CSW SEMTECH-SC1155CSW Datasheet
190Kb / 19P
PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE
SC1155CSW.TR SEMTECH-SC1155CSW.TR Datasheet
190Kb / 19P
PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE
SC1155EVB SEMTECH-SC1155EVB Datasheet
190Kb / 19P
PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE
More results

Similar Description - SC1155

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1154 SEMTECH-SC1154 Datasheet
164Kb / 18P
PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS
SC1155 SEMTECH-SC1155 Datasheet
190Kb / 19P
PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE
SC1158 SEMTECH-SC1158 Datasheet
71Kb / 5P
PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
SC1162 SEMTECH-SC1162 Datasheet
125Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
SC1172 SEMTECH-SC1172 Datasheet
119Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
logo
Fairchild Semiconductor
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
High Performance Programmable Synchronous DC-DC Controller
logo
Semtech Corporation
SC1159 SEMTECH-SC1159 Datasheet
333Kb / 20P
Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
logo
Semtech Corporation
SC2655 SEMTECH-SC2655 Datasheet
337Kb / 20P
Programmable Synchronous DC/DC Hysteretic Controller with VRM 9.0 VID Range
SC2659 SEMTECH-SC2659 Datasheet
339Kb / 20P
Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com