Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1155 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1155
Description  Programmable Synchronous DC/DC Hysteretic Controller with VRM 9.0VID Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1155 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1155 Datasheet HTML 1Page - Semtech Corporation SC1155 Datasheet HTML 2Page - Semtech Corporation SC1155 Datasheet HTML 3Page - Semtech Corporation SC1155 Datasheet HTML 4Page - Semtech Corporation SC1155 Datasheet HTML 5Page - Semtech Corporation SC1155 Datasheet HTML 6Page - Semtech Corporation SC1155 Datasheet HTML 7Page - Semtech Corporation SC1155 Datasheet HTML 8Page - Semtech Corporation SC1155 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1155
PRELIMINARY
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
r
e
v
i
r
D
t
u
p
t
u
O
e
d
i
S
-
h
g
i
H
)
1
(
t
n
e
r
r
u
C
t
u
p
t
u
O
k
a
e
Pc
r
s
I
R
D
H
G
I
H
0
0
1
<
w
p
t
,
%
2
<
e
l
c
y
c
y
t
u
d,
s
µ2
A
k
n
i
s
I
R
D
H
G
I
H
T
J
C
°
5
2
1
=
V
T
O
O
B
V
-
O
L
T
O
O
B
V
,
V
5
.
6
=
R
D
H
G
I
H
)
c
r
s
(
V
5
.
1
=
V
r
o
R
D
H
G
I
H
)
k
n
i
s
(
V
5
=
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O
t
n
e
l
a
v
i
u
q
Ec
r
s
R
R
D
H
G
I
H
T
J
C
°
5
2
1
=
V
T
O
O
B
V
-
O
L
T
O
O
B
V
,
V
5
.
6
=
R
D
H
G
I
H
V
6
=
5
4
Ω
k
n
i
s
R
R
D
H
G
I
H
T
J
C
°
5
2
1
=
V
T
O
O
B
V
-
O
L
T
O
O
B
V
,
V
5
.
6
=
R
D
H
G
I
H
V
5
.
0
=
5
r
e
v
i
r
D
t
u
p
t
u
O
e
d
i
S
-
w
o
L
)
1
(
t
n
e
r
r
u
C
t
u
p
t
u
O
k
a
e
Pc
r
s
I
R
D
W
O
L
k
n
i
s
I
R
D
W
O
L
,
s
u
0
0
1
<
w
p
t
,
%
2
<
e
l
c
y
c
y
t
u
d
T
J
C
°
5
2
1
=
V
V
R
D
V
-
O
L
T
O
O
B
V
,
V
5
.
6
=
R
D
W
O
L
)
c
r
s
(
V
5
.
1
=
V
r
o
R
D
W
O
L
)
k
n
i
s
(
V
5
=
2
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O
t
n
e
l
a
v
i
u
q
Ec
r
s
R
R
D
W
O
L
T
J
C
°
5
2
1
=
V
V
R
D
V
,
V
5
.
6
=
R
D
W
O
L
V
6
=
5
4
Ω
k
n
i
s
R
R
D
W
O
L
T
J
C
°
5
2
1
=
V
V
R
D
V
,
V
5
.
6
=
R
D
W
O
L
V
5
.
0
=
5
)
1
e
t
o
N
(
s
r
o
t
a
r
a
p
m
o
C
c
i
t
e
r
e
t
s
y
H
m
o
r
f
e
m
i
T
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
r
o
R
D
H
G
I
H
o
t
E
S
N
E
S
V
g
n
i
d
u
l
c
x
e
(
R
D
W
O
L
)
e
m
i
t
d
a
e
d
t
P
O
R
P
C
H
,
e
v
i
r
d
r
e
v
o
V
m
0
1
V
3
.
1
≤
f
e
r
V
≤
V
8
.
1
0
5
10
5
2s
n
s
r
e
v
i
r
D
t
u
p
t
u
O
e
m
i
t
ll
a
f
/
e
s
i
r
R
D
H
G
I
Hr
t
R
D
H
G
I
H
r
t
R
D
H
G
I
H
V
,
F
n
9
=
I
C
T
O
O
B
,
V
5
.
6
=
V
O
L
T
O
O
B
,
d
e
d
n
u
o
r
g
=
T
J
C
°
5
2
1
=
0
6s
n
e
m
i
t
ll
a
f
/
e
s
i
r
R
D
W
O
Lr
t
R
D
W
O
L
f
t
R
D
W
O
L
V
,
F
n
9
=
I
C
V
R
D
,
V
5
.
6
=
T
J
C
°
5
2
1
=
0
6s
n
n
o
i
t
c
e
t
o
r
P
t
n
e
r
r
u
c
r
e
v
O
n
o
i
t
a
g
a
p
o
r
P
r
o
t
a
r
a
p
m
o
C
e
m
i
T
y
a
l
e
D
t
P
O
R
P
V
O
1s
µ
s
e
d
u
l
c
n
I
(
e
m
i
T
h
c
t
il
g
e
D
n
o
i
t
a
g
a
p
o
r
p
r
o
t
a
r
a
p
m
o
c
)
e
m
i
t
y
a
l
e
d
t
L
G
D
V
O
25
s
µ
DC Electrical Characteristics (Cont.)
AC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com