Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1155 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1155
Description  Programmable Synchronous DC/DC Hysteretic Controller with VRM 9.0VID Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1155 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1155 Datasheet HTML 1Page - Semtech Corporation SC1155 Datasheet HTML 2Page - Semtech Corporation SC1155 Datasheet HTML 3Page - Semtech Corporation SC1155 Datasheet HTML 4Page - Semtech Corporation SC1155 Datasheet HTML 5Page - Semtech Corporation SC1155 Datasheet HTML 6Page - Semtech Corporation SC1155 Datasheet HTML 7Page - Semtech Corporation SC1155 Datasheet HTML 8Page - Semtech Corporation SC1155 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1155
PRELIMINARY
DC Electrical Characteristics
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
n
a
R
e
g
a
t
l
o
V
y
l
p
p
u
SV
2
1
N
I
V4
.
1
12
13
1V
)
t
n
e
c
s
e
i
u
Q
(
t
n
e
r
r
u
C
y
l
p
p
u
SI
N
I qO
L
V
U
e
v
o
b
a
n
i
V
,
1
1
1
1
1
t
o
n
D
I
V
,
V
5
=
H
N
I
,
p
u
-
t
r
a
t
s
g
n
i
r
u
d
d
l
o
h
s
e
r
h
t
f
w
s
,
V
0
=
O
L
T
O
O
B
,
z
H
k
0
0
2
=
C
H
D
C
=
L
D
F
p
0
5
=
5
1A
m
y
l
p
p
u
S
r
e
v
i
r
D
e
d
i
S
h
g
i
H
)
t
n
e
c
s
e
i
u
Q
(
t
n
e
r
r
u
C
I
T
O
O
B
qw
o
l
e
b
n
i
V
r
o
1
1
1
1
1
=
D
I
V
r
o
V
O
=
H
N
I
,
p
u
-
t
r
a
t
s
g
n
i
r
u
d
d
l
o
h
s
e
r
h
t
O
L
V
U
V
O
=
O
L
T
O
O
B
,
V
3
1
=
T
O
O
B
0
1A
µ
O
L
V
U
e
v
o
b
a
N
I
V
,
1
1
1
1
1
t
o
n
D
I
V
,
V
5
=
H
N
I
,
p
u
-
t
r
a
t
s
g
n
i
r
u
d
d
l
o
h
s
e
r
h
t
f
w
s
,
V
0
=
O
L
T
O
O
B
,
V
3
1
=
T
O
O
B
,
z
H
k
0
0
2
=
C
H
D
F
p
0
5
=
5A
m
Unless specified: 0 < T
J < 125°C, VIN = 12V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
V
2
1
N
I
VN
I
V
X
A
M
4
1
o
t
3
.
0
-V
D
N
G
V
R
D
o
t
T
O
O
B
5
2
o
t
3
.
0
-V
O
L
T
O
O
B
o
t
T
O
O
B
5
1
o
t
3
.
0
-V
D
N
G
V
R
D
p
t
O
L
T
O
O
B
8
1
o
t
5
.
0
-V
P
O
O
R
D
,
P
C
O
,
D
G
R
W
P
,
V
R
D
O
L
,
B
I
H
N
I
,
S
D
I
V
3
.
7
o
t
5
.
0
-V
D
N
G
V
R
D
o
t
D
N
G
A
5
.
0
±V
D
N
G
A
o
t
B
I
H
O
L
4
1
o
t
3
.
0
-V
D
N
G
A
o
t
E
S
N
E
S
O
L
4
1
o
t
3
.
0
-V
D
N
G
A
o
t
O
L
T
O
I
4
1
o
t
3
.
0
-V
D
N
G
A
o
t
E
S
N
E
S
I
H
4
1
o
t
3
.
0
-V
D
N
G
A
o
t
E
S
N
E
S
V
5
o
t
3
.
0
-V
T
,
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
s
u
o
u
n
i
t
n
o
C
A
5
2
=
0CP
D
2
.
1W
T
,
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
s
u
o
u
n
i
t
n
o
C
C
5
2
=
0CP
D
5
2
.
6W
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OT
J
5
2
1
+
o
t
0C
°
.
c
e
S
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
L
0
0
3C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com