Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP4282 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIP4282
Description  1 A Slew Rate Controlled Load Switch in PPAK SC75-6
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4282 Datasheet(HTML) 7 Page - Vishay Siliconix

  SIP4282 Datasheet HTML 1Page - Vishay Siliconix SIP4282 Datasheet HTML 2Page - Vishay Siliconix SIP4282 Datasheet HTML 3Page - Vishay Siliconix SIP4282 Datasheet HTML 4Page - Vishay Siliconix SIP4282 Datasheet HTML 5Page - Vishay Siliconix SIP4282 Datasheet HTML 6Page - Vishay Siliconix SIP4282 Datasheet HTML 7Page - Vishay Siliconix SIP4282 Datasheet HTML 8Page - Vishay Siliconix SIP4282 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SiP4282
Vishay Siliconix
Document Number: 73851
S-70069–Rev. C, 22-Jan-07
www.vishay.com
7
New Product
BLOCK DIAGRAM
DETAILED DESCRIPTION
The SiP4282 is a P-Channel MOSFET power switches
designed for high-side slew rate controlled load-switching
applications. Once turned on, the slew-rate control circuitry
is activated and current is ramped in a linear fashion until it
reaches the level required for the output load condition. This
is accomplished by first elevating the gate voltage of the
MOSFET up to its threshold voltage and then by linearly
increasing the gate voltage until the MOSFET becomes fully
enhanced. At this point, the gate voltage is then quickly
increased to the full input voltage to reduce RDS(ON) of the
MOSFET switch and minimize any associated power losses.
The SiP4282-1 version has a modest 1 ms turn on slew rate
feature, which significantly reduces in-rush current at turned
on time and permits the load switch to be implemented with
a small input capacitor, or no input capacitor at all, saving
cost and space. In addition to a 100 µs minimized slew rate,
the SIP4282-3 features a shutdown output discharge circuit
which is activated at shutdown (when the part is disabled
through the ON/OFF pin) and discharges the output pin
through a small internal resistor hence, turning off the load.
In instances where the input voltage falls below 1.4 V (typi-
cally) the under voltage lock-out circuitry protects the MOS-
FET switch from entering the saturation region or operation
by shutting down the chip.
APPLICATION INFORMATION
Input Capacitor
While a bypass capacitor on the input is not required, a 1 µF
or larger capacitor for CIN is recommended in almost all
applications. The Bypass capacitor should be placed as
physically close as possible to the SiP4282 to be effective in
minimizing transients on the input. Ceramic capacitors are
recommended over tantalum because of their ability to with-
stand input current surges from low impedance sources such
as batteries in portable devices.
Output Capacitor
A 0.1 µF capacitor or larger across VOUT and GND is recom-
mended to insure proper slew operation. COUT may be
increased without limit to accommodate any load transient
condition with only minimal affect on the SiP4282 turn on
slew rate time. There are no ESR or capacitor type require-
ment.
Enable
The ON/OFF pin is compatible with both TTL and CMOS
logic voltage levels.
Level
Shift
Under
Voltage
Lockout
Turn-On
Slew Rate
Control
SiP4282-3 version only
GND
ON/OFF
OUT
VIN
SiP4282 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com