Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP4282 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIP4282
Description  1 A Slew Rate Controlled Load Switch in PPAK SC75-6
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4282 Datasheet(HTML) 8 Page - Vishay Siliconix

  SIP4282 Datasheet HTML 1Page - Vishay Siliconix SIP4282 Datasheet HTML 2Page - Vishay Siliconix SIP4282 Datasheet HTML 3Page - Vishay Siliconix SIP4282 Datasheet HTML 4Page - Vishay Siliconix SIP4282 Datasheet HTML 5Page - Vishay Siliconix SIP4282 Datasheet HTML 6Page - Vishay Siliconix SIP4282 Datasheet HTML 7Page - Vishay Siliconix SIP4282 Datasheet HTML 8Page - Vishay Siliconix SIP4282 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
8
Document Number: 73851
S-70069–Rev. C, 22-Jan-07
Vishay Siliconix
SiP4282
New Product
Protection Against Reverse Voltage Condition
The P-channel MOSFET pass transistor has an intrinsic
diode that is reversed biased when the input voltage is
greater than the output voltage. Should VOUT exceed VIN,
this intrinsic diode will become forward biased and allow
excessive current to flow into the IC thru the VOUT pin and
potentially damage the IC device. Therefore extreme care
should be taken to prevent VOUT from exceeding VIN.
In conditions where VOUT exceeds VIN a Schottky diode in
parallel with the internal intrinsic diode is recommended to
protect the SiP4282.
Thermal Considerations
The SiP4282 is designed to maintain a constant output load
current. Due to physical limitations of the layout and assem-
bly of the device the maximum switch current is 1.2 A, as
stated in the ABS MAX table. However, another limiting char-
acteristic for the safe operating load current is the thermal
power dissipation of the package. To obtain the highest
power dissipation (and a thermal resistance of 90 °C/W) the
power pad of the device should be connected to a heat sink
on the printed circuit board.
The maximum power dissipation in any application is depen-
dant on the maximum junction temperature, TJ(MAX) =
125 °C, the junction-to-ambient thermal resistance for the
SC-75 PPAK package,
θ
J-A = 90 °C/W, and the ambient tem-
perature, TA, which may be formulaically expressed as:
It then follows that, assuming an ambient temperature of
70 °C, the maximum power dissipation will be limited to about
610 mW.
So long as the load current is below the 1.2 A limit, the max-
imum continuous switch current becomes a function two
things: the package power dissipation and the RDS(ON) at the
ambient temperature.
As an example let us calculate the worst case maximum load
current at TA = 70 °C. The worst case RDS(ON) at 25 °C
occurs at an input voltage of 1.8 V and is equal to 480 m
Ω.
The RDS(ON) at 70 °C can be extrapolated from this data
using the following formula
RDS(ON) (at 70 °C) = RDS(ON) (at 25 °C) x (1 + TC x ΔT)
Where TC is 3300 ppm/°C. Continuing with the calculation
we have
RDS(ON) (at 70 °C) = 480 mΩ x (1 + 0.0033 x (70 °C - 25 °C))
= 551 m
Ω
The maximum current limit is then determined by
which in case is 1.05 A. Under the stated input voltage con-
dition, if the 1.05 A current limit is exceeded the internal die
temperature will rise and eventually, possibly damage the
device.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Tech-
nology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability
data, see http://www.vishay.com/ppg?73851.
90
125
(max)
(max)
A
A
J
A
J
T
T
T
P
−
=
−
=
−
θ
)
(
(max)
(max)
ON
DS
LOAD
R
P
I
〈



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com