Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP4282 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP4282
Description  1 A Slew Rate Controlled Load Switch in PPAK SC75-6
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4282 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP4282 Datasheet HTML 1Page - Vishay Siliconix SIP4282 Datasheet HTML 2Page - Vishay Siliconix SIP4282 Datasheet HTML 3Page - Vishay Siliconix SIP4282 Datasheet HTML 4Page - Vishay Siliconix SIP4282 Datasheet HTML 5Page - Vishay Siliconix SIP4282 Datasheet HTML 6Page - Vishay Siliconix SIP4282 Datasheet HTML 7Page - Vishay Siliconix SIP4282 Datasheet HTML 8Page - Vishay Siliconix SIP4282 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 73851
S-70069–Rev. C, 22-Jan-07
www.vishay.com
3
Vishay Siliconix
SiP4282
New Product
Notes:
a) The algebriac convention whereby the most negative value is a minimum and the most positive a maximum.
b) Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing
c) Part requires minimum start-up of VIN ≥ 2.0 V to ensure operation down to 1.8 V.
d) For VIN outside this range consult typical ON/OFF threshold curve.
PIN CONFIGURATION
Notes:
XXX = Lot Code
Parameter
Symbol
Test Conditions Unless Specified
VIN = 5.0, TA = - 40 °C to 85 °C
(Typical values are at TA = 25 °C)
Limits
- 40 °C to 85 °C
Unit
Mina
Typb
Maxa
SiP4282-3 Version
Output Turn-On Delay Time
TD(ON)
VIN = 5 V, RLOAD = 10 Ω, TA = 25 °C
-20
40
µs
Output Turn-On Rise Time
T(ON)
VIN = 5 V, RLOAD = 10 Ω, TA = 25 °C
-
100
150
Output Turn-Off Delay Time
TD(OFF)
VIN = 5 V, RLOAD = 10 Ω, TA = 25 °C
-4
10
Output Pull-Down Resistance
RPD
ON/OFF = Inactive, TA = 25 °C
-
150
250
Ω
SPECIFICATIONS
PPAK SC75-6 Package
VIN
VIN
GND
OUT
ON/OFF
OUT
4
5
6
1
2
3
Bottom View
PIN DESCRIPTION
Pin Number
PPAK SC75-6
Name
Function
1, 2
VIN
This pin is the P-Channel MOSFET source connection. Bypass to ground through a 1 µF capacitor.
3
GND
Ground Connection
4
ON/OFF
Enable Input
5, 6
OUT
This pin is the P-Channel MOSFET drain connection. Bypass to ground through a 0.1 µF capacitor.
SELECTION GUIDE
Part Number
Slew Rate
(typ)
Active
Pull Down
Enable
SiP4282-1-T1-E3
1 ms
No
Active high
SiP4282-3-T1-E3
100 µs
Yes
Active high
ORDERING INFORMATION
Part Number
Marking
Temperature Range
Package
SiP4282DVP-1-T1-E3
L7XXX
- 40 °C to 85 °C
PPAK SC75-6
SiP4282DVP-3-T1-E3
L9XXX
PPAK SC75-6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com