Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP4282 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP4282
Description  1 A Slew Rate Controlled Load Switch in PPAK SC75-6
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4282 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP4282 Datasheet HTML 1Page - Vishay Siliconix SIP4282 Datasheet HTML 2Page - Vishay Siliconix SIP4282 Datasheet HTML 3Page - Vishay Siliconix SIP4282 Datasheet HTML 4Page - Vishay Siliconix SIP4282 Datasheet HTML 5Page - Vishay Siliconix SIP4282 Datasheet HTML 6Page - Vishay Siliconix SIP4282 Datasheet HTML 7Page - Vishay Siliconix SIP4282 Datasheet HTML 8Page - Vishay Siliconix SIP4282 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 73851
S-70069–Rev. C, 22-Jan-07
Vishay Siliconix
SiP4282
New Product
TYPICAL CHARACTERISTICS internally regulated, 25 °C, unless otherwise noted
Quiescent Current vs. Input Voltage
RDS(ON) vs. Temperature
Off Switch Current vs. Temperature
0
0.5
1
1.5
2
2.5
3
3.5
12
3
45
6
VIN(V)
Temperature (°C)
0
50
100
150
200
250
- 40
- 15
10
35
60
85
ILOAD = 500 mA
V
= 3 V
V
= 5 V
IN
IN
Temperature (°C)
0
20
40
60
80
100
- 40
- 15
10
35
60
85
Quiescent Current vs. Temperature
RDS(ON) vs. Input Voltage
ON/OFF Threshold vs. Input Voltage
Temperature (°C)
0
0.5
1
1.5
2
2.5
3
3.5
- 40
- 15
10
3560
85
VIN = 3 V
VIN = 5 V
VIN (V)
100
150
200
250
300
350
400
450
500
550
1.5
2
2.5
33.5
4
4.5
5
5.5
1 A
500 mA
100 mA
VIN (V)
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com