Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-DCPWR-800W-R Datasheet(PDF) 1 Page - Extreme Networks.

Part # XN-DCPWR-800W-R
Description  Universal Aggregation/Core Switch Platform
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-DCPWR-800W-R Datasheet(HTML) 1 Page - Extreme Networks.

  XN-DCPWR-800W-R Datasheet HTML 1Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 2Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 3Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 4Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 5Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 6Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 7Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 8Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Highlights
• High-performance, fixed-form switches
for leaf, spine, aggregation, or core
applications
• Universal dual-persona hardware allows
user choice of switch operating systems
• ExtremeCloud™ IQ and ExtremeCloud
IQ - Site Engine for powerful, secure
and easy to use cloud-based network
management.
• Fabric Connect for automated
network operations, simplified network
provisioning and enhanced security
Key Hardware Features
• Three models – two models with no
MACsec and one model with MACsec in
a fixed 1U form factor
• AC and DC power options
• Back-to-front and front-to-back airflow
options
• Up to 8-unit stacking
• Integrated Application Hosting
enables 3rd-party applications without
impacting switch performance
• Non-blocking, wire-speed design
Universal Aggregation/Core Switch Platform
The Extreme 7520 are purpose-built 48-port 10Gb and 48-port 25Gb switches
designed for high-performance aggregation and core applications. As a universal
hardware platform, the 7520 provides end-to-end secure network segmentation, in
addition to advanced policy capabilities, with a user-selectable choice of Extreme’s
flagship switch operating systems. This makes the 7520 a uniquely flexible platform
that can be deployed in a variety of aggregation and core environments.
The Extreme 7520 network hardware platform enables organizations to design
networks that accommodate a variety of applications and east-west traffic patterns.
With its high-density scale-out architecture, leading power efficiency, and airflow
options, the 7520 platform delivers a cost-effective solution that optimizes power,
cooling, and equipment room space, wherever your network operating center might
be.
Three models of the 7520 are available.
7520-48XT-6C
48 x 1Gb/10Gb 10GBaseT copper ports (no MACsec)
6 x 40Gb/100Gb QSFP28 fiber ports (no MACsec)
7520-48Y-8C
48 x 1Gb/10Gb/25Gb SFP28 fiber ports (no MACsec)
8 x 40Gb/100Gb QSFP28 fiber ports (no MACsec)
7520-48YE-8CE
48 x 10/25Gb SFP28 fiber ports with MACsec support
8 x 100Gb QSFP28 fiber ports with MACsec support
Note: This model does not support stacking
Data Sheet
Extreme 7520
www.extremenetworks.com
1


Similar Part No. - XN-DCPWR-800W-R

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
XN-DCPWR-800W-R EXTREMENETWORKS-XN-DCPWR-800W-R Datasheet
216Kb / 8P
Universal Aggregation/Core Switch Platform
15apr24
More results

Similar Description - XN-DCPWR-800W-R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DPX-S425 ADVANTECH-DPX-S425 Datasheet
1Mb / 2P
Intel짰 Core??i5, Core i7 Gaming Platform
DPX-S425 ADVANTECH-DPX-S425_14 Datasheet
804Kb / 2P
Intel짰 Core??i5, Core i7 Gaming Platform
logo
Keysight Technologies
L4491A KEYSIGHT-L4491A Datasheet
4Mb / 19P
RF Switch Platform
Y1170A KEYSIGHT-Y1170A Datasheet
4Mb / 19P
RF Switch Platform
Y1171A KEYSIGHT-Y1171A Datasheet
4Mb / 19P
RF Switch Platform
Y1173A KEYSIGHT-Y1173A Datasheet
4Mb / 19P
RF Switch Platform
Y1175A KEYSIGHT-Y1175A Datasheet
4Mb / 19P
RF Switch Platform
logo
Infineon Technologies A...
BGSX210MA18 INFINEON-BGSX210MA18 Datasheet
742Kb / 17P
DP10T Diversity Cross Switch for Carrier Aggregation
Revision 3.1 - 2016-11-03
logo
List of Unclassifed Man...
MX150 ETC1-MX150 Datasheet
2Mb / 145P
Universal Routing Platform Hardware Guide
logo
Carlo Gavazzi Holding A...
UWP3.0 CARLOGAVAZZI-UWP3.0 Datasheet
2Mb / 21P
Universal web platform
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com