Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-DCPWR-800W-R Datasheet(PDF) 4 Page - Extreme Networks.

Part # XN-DCPWR-800W-R
Description  Universal Aggregation/Core Switch Platform
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-DCPWR-800W-R Datasheet(HTML) 4 Page - Extreme Networks.

  XN-DCPWR-800W-R Datasheet HTML 1Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 2Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 3Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 4Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 5Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 6Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 7Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 8Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
QoS Egress Queues per port: 8
VLANs: 4,094
Routed VLANs: 2,048
One Policy Scaling
Policy Profiles: 63
Unique Permit/Deny Rules per switch: 16,312
Fabric Engine
MAC Table: 160,000
IPv4 ARP Table: 40,000 with SPB
IPv4 Route Table: 15,000
IP Multicast Entries (S,G,V): 6,000
IPv6 Neighbor Table: 32,000
IPv6 Route Table: Up to 7,000
ACLs (Ingress/Egress): 512/254 for non-IPv6
QoS Egress Queues per port: 8
VLANs: 4,059
IP Interfaces (Routed VLANs): 1,000
Fabric Connect Scaling
Fabric Adjacencies per switch: 255
BEB Nodes per VSN: 2,000
L2 VSNs: 4,000
L3 VSNs: 256
Power and Heat Dissipation
Switch Model
Minimum Heat Dissipation
(BTU/hr)
(Idle, no ports linked)
Minimum Power
Consumption (W) (Idle, no
ports linked)
Maximum Heat Dissipation
(BTU/hr) (Fans high,
all ports 100% traffic)
Maximum Power Consumption
(W) (Fans high, all ports 100%
traffic)
7520-48XT-6C
407.48
119.42
1359.06
398.30
7520-48Y-8C
326.71
95.75
1307.36
383.15
7520-48YE-8CE
596.58
174.84
1638.51
480.20
Power Supply Specifications
800W AC PSU
XN-ACPWR-800W-F/R
800WDC PSU
XN-DCPWR-800W-F/R
Dimensions
3.15 in W x 1.57 in H x 8.11 in D (8.0 cm x 4.0 cm x 20.6 cm)
3.15 in W x 1.57 in H x 8.11 in D (8.0 cm x 4.0 cm x 20.6 cm)
Weight
1.79 lb (0.81kg)
1.85 lb (0.85kg)
Voltage Input Range
100VAC-140 VAC/200VAC-240 VAC
-48VDC to -60VDC
Line Frequency Range
50Hz– 60Hz
N/A
PSU Input Socket
IEC320 C14
Terminal Block
PSU Output Cord
IEC320 C13
N/A
Operating Conditions
0°C–55°C operation
0°C–55°C operation
Environmental
Environmental Specifications
EN/ETSI 300 019-2-1 v2.1.2 - Class 1.2 Storage
EN/ETSI 300 019-2-2 v2.1.2 - Class 2.3 Transportation
EN/ETSI 300 019-2-3 v2.1.2 - Class 3.1e Operational
EN/ETSI 300 753 (1997-10) - Acoustic Noise
ASTM D3580 Random Vibration Unpackaged 1.5 G
Environmental Compliance
EU RoHS - 2011/65/EU
EU WEEE - 2012/19/EU
EU REACH – Regulation (EC) No 1907/2006 Reporting
China RoHS - SJ/T 11363-2006
Taiwan RoHS - CNS 15663(2013.7)
www.extremenetworks.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com