| Electronic Components Datasheet Search |
|
XN-DCPWR-800W-R Datasheet(PDF) 2 Page - Extreme Networks. |
|
|
|||||||||||||||||||||||||||||
XN-DCPWR-800W-R Datasheet(HTML) 2 Page - Extreme Networks. |
|
2 / 8 page ![]() Universal Hardware Platform The 7520 Series comes with a dual-persona capability allowing user choice of the switch operating system (OS). Either the Switch Engine (EXOS) or Fabric Engine (VOSS) persona can be enabled on 7520 hardware models. The desired persona can be selected at start-up or changed at a later stage. Once selected, the 7520 assumes the features/capabilities of the selected OS. 7520 persona activation can be done manually at boot-up, including via the system CLI. Or, it can be automated by pre-provisioning the 7520 persona in ExtremeCloud IQ. When first booted, the 7520 automatically connects to ExtremeCloud IQ to find its persona. The pre-provisioned OS persona is then remotely enabled on the 7520 system – eliminating the need for manual selection. Ethernet Fabric Services The 7520 supports a variety of Ethernet Fabric services, including Extreme’s Fabric Connect when running Fabric Engine (VOSS) and Extreme’s IP Fabric when running Switch Engine (EXOS). It also supports Fabric Attach for automated connection to either Layer 2 or Layer 3 fabric services. Extreme’s Fabric Connect and IP Fabric on the 7520 enable the creation of virtualized networks that automate network operations, simplify network provisioning, and enhance security, all while reducing the strain on network and IT personnel. High-Performance Stacking Two of the 7520’s QSFP28 uplink ports can be used for high-speed 400Gb stacking when running Switch Engine (EXOS). Up to eight systems can be stacked using qualified direct attach cables and/or optical transceivers. (Note: Stacking is not supported on the 7520-48YE -8CE model or when running Fabric Engine (VOSS)). Management The 7520 can be managed by ExtremeCloud IQ and ExtremeCloud IQ-Site Engine for comprehensive unified management with a consolidated view of users, devices and applications across wired and wireless networks. Zero-touch provisioning from ExtremeCloud IQ lets one quickly bring new 7520 switches online as well as enable the selection of the operating system (OS) persona. Alternatively, 7520 on-box management can be done manually via a web-based GUI or generic CLI. www.extremenetworks.com 2 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |