Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-DCPWR-800W-R Datasheet(PDF) 5 Page - Extreme Networks.

Part # XN-DCPWR-800W-R
Description  Universal Aggregation/Core Switch Platform
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-DCPWR-800W-R Datasheet(HTML) 5 Page - Extreme Networks.

  XN-DCPWR-800W-R Datasheet HTML 1Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 2Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 3Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 4Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 5Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 6Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 7Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 8Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Environmental Operating Conditions
Temp: 0°C to 50°C (32°F to 122°F)
Humidity: 10% to 95% relative humidity, non-condensing
Altitude: 0 to 3,000 meters (9,850 feet)
Shock (half sine) 98m/s2 (10G), 11ms, 18 shocks
Random vibration: 3Hz to 500Hz at 1.5 G rms
Packaging and Storage Specifications
Temp: -40°C to 70°C (-40°F to 158°F)
Humidity: 10% to 95% relative humidity, non-condensing
Packaged Shock (half sine): 180 m/s2 (18 G), 6 ms, 600 shocks
Packaged Vibration: 5Hz to 62Hz at velocity 5 mm/s, 62Hz to 500Hz at 0.2 G
Packaged Random Vibration: 5Hz to 20Hz at 1.0 ASD w/–3 dB/oct. from
20Hz to 200Hz
Packaged Drop Height: 14 drops minimum on sides and corners at 42
inches (<15 kg box)
Regulatory and Safety
North American ITE
UL 62368-1
UL/CuL62368-1 Listed
CAN/CSA-C22.2 No 60950-1-07 Incl. AM1 (2011) and AM2 (2014)
CAN/CSA C22.2 No. 62368-1:19
Complies with FCC 21CFR 1040.10 (U.S. Laser Safety)
CDRH Letter of Approval (US FDA Approval)
European ITE
EN 60950-1 2nd Edition
EN62368-1
EN 60825-1 Class 1 (Lasers Safety)
2014/35/EU Low Voltage Directive
International ITE
CB Report & Certificate per IEC 60950-1
CB Report & Certificate IEC 62368-1
AS/NZS 62368.1:2022 (Australia/New Zealand)
EMI/EMC Standards
North American EMC for ITE
FCC CFR 47 Part 15 Class A (USA)
ICES-003 Class A (Canada)
European EMC Standards
EN 55032 Class A
EN 55035
EN 55011
EN 61000-3-2,2014 (Harmonics)
EN 61000-3-3 2013 (Flicker)
EN 61000-6-2
EN 61000-6-4
EN 300 386 (EMC Telecommunications) 2014/30/EU EMC Directive
International EMC Certifications
CISPR 32, Class A (International Emissions) AS/NZSCISPR32
CISPR24 Class A (International Immunity)
IEC 61000-4-2/EN 61000-4-2 Electrostatic Discharge, 8 kV Contact, 15 kV Air,
Criteria B
IEC 61000-4-3/EN 61000-4-3 Radiated Immunity 10V/m, Criteria A
IEC 61000-4-4/EN 61000-4-4 Transient Burst, 2 kV, Criteria B
IEC 61000-4-5/EN 61000-4-5 Surge, 2 kV L-L, 2 kV L-G, Level 3, Criteria B
IEC61000-4-6 Conducted Immunity, 0.15-80MHz, 10V/rms, 80%AM (1kHz),
Criteria A
IEC/EN61000-4-11 Power Dips & Interruptions, >30%, 25 periods, Criteria C
Country Specific
VCCI Class A (Japan Emissions)
ACMA RCM (Australia Emissions)
CQC Mark (China)
KCC Mark, EMC Approval (Korea)
BSMI (Taiwan)
Anatel (Brazil)
NoM (Mexico)
EAC (Russia, Belarus, Kazakhstan)
NRCS (South Africa)
TEC (India)
IEEE 802.3 Media Access Standards
IEEE 802.3ab 1000BASE-T
IEEE 802.3ae 10GBASE-X
IEEE 802.3 10GBASE-T (up to 100m using Cat6a cabling or better)
IEE 802.3by-2016 25Gb/s Operation
IEEE 802.3ba/802.3bm 40 GBASE-X and 100 GBASE-X
Ordering Notes
Customers ordering an AC-bundled version of the 7520 Series
switch receive the hardware switch along with a Base software
license, integrated power supply, fan modules, and rack-mount
kit.
Customers ordering a non-bundled version of the 7520 Series
switch customers will only receive the hardware switch, Base
software license, and rackmount kit. Customers in this case, must
order Power Supply Units (PSU) and fan modules separately.
At least one Power Supply Unit (PSU) is required for 7520
operations. Additional power supplies, transceiver/optics, power
cords, as well as Premier license, must be ordered separately.
www.extremenetworks.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com