Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI-DS0305360-RPSMA Datasheet(PDF) 2 Page - Extreme Networks.

Part # AI-DS0305360-RPSMA
Description  Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

AI-DS0305360-RPSMA Datasheet(HTML) 2 Page - Extreme Networks.

  AI-DS0305360-RPSMA Datasheet HTML 1Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 2Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 3Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 4Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 5Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 6Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 7Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 8Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 9Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Wi-Fi 6E (802.11ax) Technology
Wi-Fi 6 ushered in a new generation of Wi-Fi. While prior generations
emphasized on higher speeds, 802.11ax technology instead focused on
improving Wi-Fi efficiency as well as speed, taking Wi-Fi networks to an
entirely new level. Now, with addition of the 6 GHz band for unlicensed
operation, Wi-Fi 6E has access to up to 1,200 MHz of spectrum*, which
is three times that of existing 'usable' spectrum which enables improved
quality of service (QoS) in dense environments, new applications and use
cases, and an improved user experience. To learn more, visit Extreme's Wi-
Fi 6E page.
* Country dependent
Management Analytics
In conjunction with Extreme centralized management software, cloud
or on-premises, the AP3000/X provides a rich set of data displayed
via widgets, representing unlimited historical data or a combination of
historical and current data. This provides context- specific granularity with
perspective views for locations, network, APs, individual client devices, as
well as policy roles. In each context, administrators can make a widget
library.
Dual-Radio Programmable AP
Extreme launched the industry's first software defined Wi-Fi 6E access
point supporting multiple software programmable modes to optimally
manage radios to provide the highest level of client performance. The
AP3000/X is a dual radio access point can transmit with two data radios:
2.4 GHz and 5 GHz or 5 GHz and 6 GHz.
Security
The AP3000/X delivers the highest level of security services, beginning with
support for the latest Wi-Fi Alliance WPA3 security certifications. Leverage
Extreme Fabric Attach to securely automate provisioning and deployment
by connecting to a Fabric Connect-enabled switch. AP3000/X supports a
stateful L2-L7 DPI firewall for context-based access security and Private
Pre-Shared Key (PPSK), location analytics sensor, and much more.
Universal Hardware
The AP3000/X is a universal hardware platform that comes with a multi-
persona capability allowing user choice of the Wi-Fi operating system
(OS). The IQ Engine operating system, the WiNG operating system, or the
ExtremeCloud IQ Controller Engine persona can be enabled as required.
The desired persona can be selected at start-up or changed at a later stage.
Once selected, the AP3000/X assumes the features or capabilities of the
selected OS. When first booted, the AP3000/X automatically connects to
ExtremeCloud IQ to find its persona. The preprovisioned OS persona is
then remotely enabled on the AP3000/X system, eliminating the need for
manual selection.
Integrated Bluetooth Low Energy
To support both IoT and Guest Engagement services integrates
Bluetooth® to connect with IoT devices to engage loyalty customers
with Apple iBeacon. Enterprises can use API driven applications to send
advertisements directly to shoppers, guests, and conference attendees.
This makes it ideal for businesses to advertise their app download pages,
captive portals, or site-specific information.
www.extremenetworks.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com