Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI-DS0305360-RPSMA Datasheet(PDF) 4 Page - Extreme Networks.

Part # AI-DS0305360-RPSMA
Description  Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

AI-DS0305360-RPSMA Datasheet(HTML) 4 Page - Extreme Networks.

  AI-DS0305360-RPSMA Datasheet HTML 1Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 2Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 3Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 4Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 5Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 6Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 7Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 8Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 9Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Power Specifications
802.3af Power over Ethernet (PoE) capable w/o USB
802.3at Power over Ethernet (PoE) capable w/USB
Physical Specifications
Kensington lock slot
Trusted Platform Module (TPM)
AP 3000
Dimensions: 6.4" x 6.4" x 1.4" (16.2 cm x 16.2 cm x 3.6 cm)
Weight: 1.15 lb (0.52 kg)
AP 3000X
Dimensions: 6.8" x 6.8" x 1.4" (17.3 cm x 17.3 cm x 37mm)
Weight: 1.88 pounds (.85 kg)
Mounting
Wall/Solid Ceiling/15/16" Tbar:AH-ACC-BKT-AX-TB (included in box)
Beam: ACC-BKT-AX-BEAM
Junction Box: ACC-BKT-AX-JB
1.5" Tbar: ACC-BKT-AX-TBW
WiNG: ACC-BKT-AX-WNGADAPT
9&15/16" Tbar (flat): AH-ACC-BKT-AX-TB
9/16 Tbar (w/rail): AH-ACC-BKT-AX-IL
Silhouette: AH-ACC-BKT-AX-SL
Standoff (1.25" ) Wall: AH-ACC-BKT-AX-WL
9/16" Protruding Tiles Adapter: AH-ACC-BKT-916-KIT
15/16" Protruding Tiles Adapter: ACC-BKT-TB-NF
Environmental Specifications
Operating: AP 3000 0°C to 50°C, AP 3000X -20°C to 55°C
Storage: -40°C to 70°C (-40°F to 158°F)
Humidity: 0% to 95% (non-condensing)
Environmental Compliance
EU RoHS – 2011/65/EU & Amendments (EU) 2015/863
EU WEEE – 2012/19/EU
EU REACH - Regulation (EC) No 1907/2006 – Reporting
EU SCIP – EU Waste Framework Directive
China RoHS – 2 SJ/T 11364-2014
Taiwan RoHS CNS 15663 (2013.7)
Regulatory Compliance
Radio Standards USA
Part 15C - 15.247
Part 15E - 15.407
RF exposure - FCC part 1.1307
IEC 60601-1-2 EMC for medical devices
Radio Standards Canada
RSS 247 for 2.4G & 5GHz
RSS 248 6GHz RLAN
RF exposure - RSS-102: Issue 5, 2015
Radio Standards CE
2014/53/EU Radio Equipment Directive
EN 300 328, EN 301 893, EN 302 502, EN 300 440
EN 301 489 1, EN 301 489 17, EN 62311, EN 62479
Regulatory and Safety
North American ITE
UL 60950-1 2nd edition Listed device (U.S.)
CSA 22.2 No. 60950-1 2nd edition 2014 (Canada)
UL/CuL 62368-1 Listed
UL 2043 Plenum rated
European ITE
EN 62368-1
2014/35/EU Low Voltage Directive
International ITE
CB Report and Certificate per IEC 60950-1 + National Differences
CB Report and IEC 62368-1
AS/NZS 60950-1 (Australia/New Zealand)
EMI/EMC Standards
North American EMC Standards
FCC CFR 47 part 15 Class B (USA)
ICES-003 Class B (Canada)
European EMC Standards
EN 55032 Class B
EN 55024
EN 55035
EN 55011, EN 60601-1-2
EN 61000-3-2 (Harmonics)
EN 61000-3-3 (Flicker)
2014/30/EU EMC Directive
International EMC Certifications
CISPR 32 Class B (International Emissions)
AS/NZS CISPR 32
CISPR 24/CISPR 35 (International Immunity)
www.extremenetworks.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com