Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI-DS0305360-RPSMA Datasheet(PDF) 6 Page - Extreme Networks.

Part # AI-DS0305360-RPSMA
Description  Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

AI-DS0305360-RPSMA Datasheet(HTML) 6 Page - Extreme Networks.

Back Button AI-DS0305360-RPSMA Datasheet HTML 2Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 3Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 4Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 5Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 6Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 7Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 8Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 9Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 10Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Product SKU
Description
10036
Power Cord, 10A, AS3112, IEC320-C13, 250V, 0.75MMSQ (for AU)
10061
Power Cord, 10A,NEMA 5-15P, IEC320-C13, 125V, 18AWG (for US)
10062
Power Cord, 12A, JISC8303, IEC320-C13, 125V, 1.25MMSQ (for Japan)
Wi-Fi Alliance Certifications
Connectivity
Wi-Fi CERTIFIED 6™
Wi-Fi CERTIFIED™ a,b, g, n, ac
Enhanced Open
Optimization
WMM®
Wi-Fi Agile Multiband™
Security
Protected Management Frames
WPA™ – Enterprise, Personal
WPA2™ – Enterprise, Personal
WPA3™ – Enterprise, Personal
Antenna Gain Matrix
AP3000-WW Internal Antenna Gains
Software Mode
Radio 1
Radio 2
IoT Radio
Mode 1
2.4 GHz –4.2 dBi
5 GHz –5.07 dBi
3.65 dBi
Mode 2
6 GHz –5.14 dBi
5 GHz –5.07 dBi
3.65 dBi
AP3000X-WW External Antenna Gains
(antennas ship with AP)
Software Mode
Radio 1
Radio 2
IoT Radio
Mode 1
5GHz - 5.22 dBi
2.4GHz – 3.23 dBi
3.65 dBi
Mode 2
5GHz - 5.22 dBi
6GHz- 5.49 dBi
3.65 dBi
Antennas - AP3000/X
Marketing Part #
Description
Notes
AI-DS0305360-RPSMA
Dipole, 3.2 dBi (2.4 GHz) and 5.2 dBi (5 GHz) dual band with RP-SMA
connector (2 pack)
2 Pack ships in box for AP3000X - listed for spares
ML-2452-APA2-01
Dipole, 3.2 dBi (2.4 GHz) and 4.9 dBi (5 GHz) dual band with RP-SMA
connector, color: black
Up to 2 antennas for dual band ports for 2.4 and 5 GHz
ports
ML-2452-APA2-02
Dipole, 3.2 dBi (2.4 GHz) and 4.9 dBi (5 GHz) dual band with RP-SMA
connector, color: white
Up to 2 antennas for dual band 2.4 and 5 GHz ports
ML-2452-HPAG5A8-01
Dipole, 4.7 dBi (2.4 GHz) and 8 dBi (5 GHz) dual band with N-type
connector
Need adapter 25-85392-01R per port
www.extremenetworks.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com