Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI-DS0305360-RPSMA Datasheet(PDF) 1 Page - Extreme Networks.

Part # AI-DS0305360-RPSMA
Description  Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

AI-DS0305360-RPSMA Datasheet(HTML) 1 Page - Extreme Networks.

  AI-DS0305360-RPSMA Datasheet HTML 1Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 2Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 3Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 4Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 5Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 6Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 7Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 8Page - Extreme Networks. AI-DS0305360-RPSMA Datasheet HTML 9Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Highlights
Advanced Radio Technology
Dual-Radio Design
• 2.4/5 GHz (2x2:2)
• 5/6 GHz (2x2:2)
Universal Hardware Platform
• On-Premises: WiNG OS (Distributed*),
ExtremeCloud™ IQ Controller
(Centralized)
• Cloud: ExtremeCloud IQ
Operational Modes
• Mode 1: 2.4 GHz/5 GHz Data Radios
• Mode 2: 5 GHz/6 GHz Data Radios
Designed for harsh environments
• External antennas and extended
temperature range -20°C to +55°C
Cellular Coexistence Filter (CCF)
• Minimizes the impact of interference
from cellular networks
Fully Functional Wi-Fi with 802.3af
Smart Management Choices
• ExtremeCloud IQ for public, private, and
ExtremeCloud Edge cloud management
capabilities
• ExtremeCloud IQ Controller or WiNG for
on-premises requirements
* Distributed in a future release on select
models
Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or
External Antenna Options
In today’s world, as businesses make capital investments in their technology
infrastructure, they must have a keen eye on how those investments can improve
operational efficiency. To meet the needs of budget-conscious enterprises who do
not want to sacrifice performance, the AP3000/X was engineered to deliver on
those requirements. The AP3000/X combines powerful 802.11ax Wi-Fi 6E technology,
advanced security, and ML/AI cloud management capabilities as an enterprise-class
solution in a small, low-power package that allows you to deploy high speed and
highly secure Wi-Fi.
The AP3000/X is a Universal and World SKU Wi-Fi 6E Wireless Access point. With
Extreme’s Universal infrastructure, customers can take advantage of hardware agility
and reduce the total cost of their network by adopting platforms that allow them
to run multiple Extreme operating systems. This multi-persona capability provides
increased product flexibility and reduced hardware obsolescence. The World SKU
allows customers, partners, and distributors to order one model for any region,
replacing the age-old problem of country specific SKUs. ExtremeCloud IQ geo-
locates the Access Point and accurately provides it the corresponding set of channel
and power specifications that the product can operate under in that country.
The AP3000/X Wi-Fi 6E access point, with two 2x2:2 radios, provides high- efficiency,
high-performance 802.11ax aggregate data rates up to 4.8 Gbps in the 6 GHz, 5
GHz, and 2.4 GHz bands. Designed for dense and/or harsh environments, such
as classrooms, warehouses, healthcare clinics, and manufacturing, the AP3000/X
is powerful and intelligent enough to provide the highest level of client services
without compromising security. Despite powerful capabilities, the AP3000/X allows
for flexible placement as the market’s smallest form-factor Wi-Fi 6E access point
to emphasize aesthetics. The AP3000/X features a fully functional Multi-Band filter,
enabling simultaneous operations with no performance degradation between all the
5 GHz frequencies and the entire range of 6 GHz frequencies (U-NII-5 thru U-NII-8
bands).*
* Country dependent
Data Sheet
AP3000/X
www.extremenetworks.com
1


Similar Part No. - AI-DS0305360-RPSMA

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
AI-DQ04360S EXTREMENETWORKS-AI-DQ04360S Datasheet
249Kb / 9P
Wi-Fi 6 (802.11ax) Indoor Access Point with integrated or external antenna options
18sep23
AI-DQ04360S EXTREMENETWORKS-AI-DQ04360S Datasheet
280Kb / 9P
Wi-Fi 6 (802.11ax) Tri-Radio Access Point With Integrated or External Antenna Options
4aug23
AI-DQ04360S EXTREMENETWORKS-AI-DQ04360S Datasheet
364Kb / 9P
Wi-Fi 6 (802.11ax) Dual-Radio Access Point With Integrated or External Antenna Options
29aug23
More results

Similar Description - AI-DS0305360-RPSMA

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2108792-1 TEC-2108792-1 Datasheet
689Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2108857-1 TEC-2108857-1 Datasheet
596Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2108891-1 TEC-2108891-1 Datasheet
755Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2118907-1 TEC-2118907-1 Datasheet
718Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2344657-1 TEC-2344657-1 Datasheet
572Kb / 5P
Wi-Fi 6/6E TRIPLE BAND EMBEDDED ANTENNA
logo
Qorvo, Inc
QM28011 QORVO-QM28011 Datasheet
1Mb / 20P
MHB, 2.4G Wi-Fi, and UHB/5G Wi-Fi 6E Antenna Triplexer
logo
Kyocera Kinseki Corpota...
A1000146 KSS-A1000146 Datasheet
2Mb / 16P
Automotive Wi Wi-Fi 6 & Wi Wi-Fi 6E or CBRS/n78 Stamped Metal Antenna 2.4 / 5 GHz or 3.3 – 3.8 GHz
Rev 0
logo
AVX Corporation
1000146 AVX-1000146 Datasheet
2Mb / 16P
Wi -Fi 6 & Wi Wi-Fi 6E or CBRS/n78 Stamped Metal Embedded Antenna
8/25/2022 Rev. 1
A1000146 AVX-A1000146 Datasheet
2Mb / 16P
Automotive Wi-Fi 6 & Wi-Fi 6E or CBRS/n78 Stamped Metal Antenna
8/22/2022 Rev 0
logo
Lanner All Rights Reser...
LWR-X8460-DM LANNER-LWR-X8460-DM Datasheet
595Kb / 2P
High-Capacity Wi-Fi 6E Tri-Band Access Point
V4-2022.3.22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com