Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7000-R Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # FAN-7000-R
Description  7050QX Series 10/40G Data Center Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7000-R Datasheet(HTML) 7 Page - Arista Networks, Inc

  FAN-7000-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Environmental Characteristics
Operating Temperature
0 to 40˚C (32 to 104˚F)
Storage Temperature
-40 to 70˚C (-40 to 158˚F)
Relative Humidity
5 to 95%
Operating Altitude
0 to 10,000 ft, (0-3,000m)
7050QX Series | Technical Speci cations
Supported Optics and Cables
Interface Type
QSFP+ ports
10GBASE-CR
0.5m-5m QSFP+ to 4x SFP+
40GBASE-CR4
0.5m to 5m QSFP+ to QSFP+
40GBASE-AOC
3m to 100m
40GBASE-UNIV
150m (OM3)/150m (OM4)/500m (SM)
40GBASE-SRBD
100m (OM3) /150m (OM4)
40GBASE-SR4
100m (OM3) /150m (OM4)
40GBASE-XSR4
300m (OM3) /400m (OM4)
40GBASE-PLRL4
1km (1km 4x10G LR/LRL)
40GBASE-LRL4
1km
40GBASE-PLR4
10km (10km 4x10G LR/LRL)
40GBASE-LR4
10km
40GBASE-ER4
40km
Interface Type
SFP+ ports
10GBASE-CR
SFP+ to SFP+: 0.5m-5m
10GBASE-AOC
SFP+ to SFP+: 3m-30m
10GBASE-SRL
100m (OM3) /150m (OM4)
10GBASE-SR
300m (OM3) /400m (OM4)
10GBASE-LRL
1km
10GBASE-LR
10km
10GBASE-ER
40km
10GBASE-ZR
80km
10GBASE-DWDM
80km
100/1000BASE-T, 1GbE SX/LX
Yes
Standards Compliance
EMC
Emissions: FCC, EN55032, EN61000-3-2,
EN61000-3-3
Immunity: EN55024, EN55035
Emissions and Immunity: EN300 386
Safety
UL/CSA 60950-1, EN 62368-1, IEC-62368-1, IEC
60950-1
CB Scheme with all country di erences
Certi cations
North America (NRTL)
European Union (EU)
BSMI (Taiwan)
C-Tick (Australia)
CCC (PRC)
KC (S. Korea)
EAC (Eurasian Customs Union)
VCCI (Japan)
European Union
Directives
2006/95/EC Low Voltage Directive
2004/108/EC EMC Directive
2011/65/EU RoHS Directive
2012/19/EU WEEE Directive



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com