Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7000-R Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # FAN-7000-R
Description  7050QX Series 10/40G Data Center Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7000-R Datasheet(HTML) 8 Page - Arista Networks, Inc

  FAN-7000-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering Information
Product Number Product Description
DCS-7050QX2-32S-F
Arista 7050X2, 32xQSFP+ & 4xSFP+ switch, front-to-rear air ow and dual 500W AC power supplies
DCS-7050QX2-32S-R
Arista 7050X2, 32xQSFP+ & 4xSFP+ switch, rear-to-front air ow and dual 500W AC power supplies
DCS-7050QX2-32S#
Arista 7050X2, 32xQSFP+ & 4xSFP+ switch, no fans, no psu (requires fans and psu)
DCS-7050QX-32S-F
Arista 7050X, 32xQSFP+ & 4xSFP+ switch, front-to-rear air ow and dual 500W AC power supplies
DCS-7050QX-32S-R
Arista 7050X, 32xQSFP+ & 4xSFP+ switch, rear-to-front air ow and dual 500W AC power supplies
DCS-7050QX-32S#
Arista 7050X, 32xQSFP+ & 4xSFP+ switch, no fans, no psu (requires fans and psu)
DCS-7050QX-32S-D# Arista 7050X, 32xQSFP+ & 4xSFP+ switch, SSD, no fans, no psu (requires fans and psu)
LIC-FIX-2-E
Enhanced L3 License for Arista Fixed switches, 40-132 port 10G (BGP, OSPF, ISIS, PIM, NAT)
LIC-FIX-2-V
Virtualization license for Arista Fixed switches 40-132 port 10G (VM Tracer and VXLAN)
LIC-FIX-2-V2
EOS Extensions, Security and Partner Integration license for Arista Group 2 Fixed switches
LIC-FIX-2-Z
Monitoring & provisioning license for Arista Fixed switches 40-132 port 10G (ZTP, LANZ, TapAgg, OpenFlow)
LIC-FIX-2-FLX-L
FLX-Lite License for Arista Fixed switches Group 2 - Full Routing Up to 256K Routes, EVPN, VXLAN, SR, base
MPLS LSR (no TE or link/node protection)
Spare Options
FAN-7000-F
Spare fan module for Arista 7150, 7124SX(FX), 7050 & 7048-A switches (front-to-rear air ow)
FAN-7000-R
Spare fan module for Arista 7150, 7124SX(FX), 7050 & 7048-A switches (rear-to-front air ow)
PWR-500AC-F
Spare 500 Watt AC power supply for Arista 7050X and 7280 Switches (front-to-rear air ow)
PWR-500AC-R
Spare 500 Watt AC power supply for Arista 7050X and 7280 Switches (rear-to-front air ow)
PWR-500-DC-F
Spare 500 Watt DC power supply for Arista 7050X and 7280 Switches (front-to-rear air ow)
PWR-500-DC-R
Spare 500 Watt DC power supply for Arista 7050X and 7280 Switches (rear-to-front air ow)
KIT-7001
Spare accessory kit for Arista 1RU switches with tool-less rails
KIT-2POST-1U-NT
Spare 1RU 2 post rail kit for Arista 1RU tool less systems (7050QX-32S, 7050SX/TX and 7280)
KIT-4POST-NT
Spare 1RU/2RU tool-less rail kits for 4-post installation (7280, 7250QX, 7050SX/TX, 7050QX-32S)
7050QX Series | Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com