Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7000-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # FAN-7000-R
Description  7050QX Series 10/40G Data Center Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7000-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  FAN-7000-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Overview
The Arista 7050QX are members of the Arista 7050X Series and key components of
the Arista portfolio of data center switches. The Arista 7050X Series are purpose built
10/40GbE data center switches in compact and energy e cient form factors with
wire speed layer 2 and layer 3 features, combined with advanced features for
software de ned cloud networking.
Increased adoption of 10 Gigabit Ethernet servers coupled with applications using
higher bandwidth is accelerating the need for dense 10 and 40 Gigabit Ethernet
switching. The 7050QX Series support a exible combination of 10G and 40G in a
highly compact form factor that allows customers to design large leaf and spine
networks to accommodate east-west tra c patterns found in modern data centers,
high performance compute and big data environments.
Featuring 32 QSFP+ ports in a 1RU form factor the switches deliver feature rich layer
2 and layer 3 wire speed performance with an overall throughput of 2.56 Tbps. For
con guration exibility all models support up to 32x 40GbE ports or 24 QSFP+ ports
can be used as 4x10GbE for a 96x10GbE and 8x 40GbE system. Additionally the
7050QX-32S and 7050QX2-32S feature four SFP+ ports that are internally shared with
the rst QSFP+ port for directly connecting 10GbE and 1GbE interfaces. The Arista
7050QX switches o er low latency from 550ns in cut-through mode, and a shared
packet bu er pool that is allocated dynamically to ports that are congested. With
typical power consumption of less than 5 watts per 40GbE port the 7050QX Series
provide industry leading power e ciency. An optional built-in SSD supports
advanced logging, data captures and other services directly on the switch.
Combined with Arista EOS the 7050QX Series delivers advanced features for big
data, cloud, virtualized and traditional designs.
7050QX Series 10/40G Data Center Switches
Data Sheet
Product Highlights
Performance
• 7050QX-32S: 32x40GbE ports & 4x10GbE
• 7050QX2-32S: 32x40GbE ports & 4x10GbE
• Up to 2.56 terabits per second
• Up to 1.44 billion packets per second
• Wire speed L2 and L3 forwarding
• Latency from 550ns
Data Center Optimized Design
• Typical power of 5W per 40GbE port for
lower cost of ownership
• Over 92% e cient power supplies
• 1+1 redundant & hot-swappable power
• N+1 redundant & hot-swappable fans
• Front-to-rear or rear-to-front cooling
• Tool less rails for simple installation
Cloud Networking Ready
• VXLAN and VM Tracer
• OpenFlow, DirectFlow and eAPI
• 288K MAC entries
• 144K IPv4 Routes
• 208K IPv4 Host Routes
• Up to 16MB Dynamic Bu er Allocation
Resilient Control Plane
• High Performance x86 CPU
• Up to 8GB DRAM
• Up to 4GB Flash
• User applications can run in a VM
Built-in Solid State Storage
• Solid State Drive option
• Store logs and data captures
• Leverage linux tools with no limitations
Advanced Provisioning & Monitoring
• CloudVision
• Zero Touch Provisioning (ZTP)
• LANZ for microburst detection
• DANZ Advanced Mirroring for improved
visibility
• sFlow
• Self-con gure and recover from USB
Arista Extensible Operating System
• Single binary image for all products
• Fine-grained truly modular network OS
• Stateful Fault Containment (SFC)
• Stateful Fault Repair (SFR)
• Full Access to Linux shell and tools
• Extensible platform - bash, python, C++
Arista EOS
The Arista 7050X runs the same Arista EOS software as all Arista products,
simplifying network administration. Arista EOS is a modular switch operating system
with a unique state sharing architecture that cleanly separates switch state from
protocol processing and application logic. Built on top of a standard Linux kernel, all
EOS processes run in their own protected memory space and exchange state
through an in-memory database. This multi-process state sharing architecture
provides the foundation for in-service-software updates and self-healing resiliency.
With Arista EOS, advanced monitoring and automation capabilities such as Zero
Touch Provisioning, VMTracer and Linux based tools can be run natively on the
switch with the powerful x86 CPU subsystem.
Arista 7050QX-32S: 32 x 40GbE QSFP+ ports, 4 SFP+ ports


Similar Part No. - FAN-7000-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
FAN-7000-R ARISTA-FAN-7000-R Datasheet
1Mb / 16P
Data Center Switch Router
June 20th, 2023
FAN-7000-R ARISTA-FAN-7000-R Datasheet
1Mb / 10P
7020R Series Data Center Switches
December 20th, 2023
FAN-7000-R ARISTA-FAN-7000-R Datasheet
4Mb / 11P
7060X and 7260X Series 10/25/40/50/100G Data Center Switches
March 15, 2021
FAN-7000-R ARISTA-FAN-7000-R Datasheet
1Mb / 14P
CCS-722XPM Switches
Nov 8, 2024
More results

Similar Description - FAN-7000-R

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRS-4013A-0000 CWIND-GRS-4013A-0000 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0001 CWIND-GRS-4013A-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0008 CWIND-GRS-4013A-0008_19 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0014 CWIND-GRS-4013A-0014 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0021 CWIND-GRS-4013A-0021 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0023 CWIND-GRS-4013A-0023 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013B-0001 CWIND-GRS-4013B-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0012 CWIND-GRS-4023A-0012 Datasheet
181Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0019 CWIND-GRS-4023A-0019 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023C-0007 CWIND-GRS-4023C-0007 Datasheet
179Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com