Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7000-R Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # FAN-7000-R
Description  7050QX Series 10/40G Data Center Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7000-R Datasheet(HTML) 2 Page - Arista Networks, Inc

  FAN-7000-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
7050QX Series | Platform Overview
Arista 7050QX: Latency through QSFP+ ports
Dynamic Bu er Allocation
In cut-through mode, the Arista 7050QX switches forward packets
with a latency of 550 nanoseconds to 650 nanoseconds. Upon
congestion, the packets are bu ered in shared packet memory that
has a total size of 12 MBytes. Unlike other architectures that have
xed per-port packet memory, the 7050QX Series use Dynamic Bu er
Allocation (DBA) to allocate up to 6.7MB of packet memory to a
single port for lossless forwarding. The 7050QX2-32S has an
optimized 16Mbyte bu er for more demanding environments.
Arista 7050QX 1RU Rear View:
Front to Rear (red) and Rear-to-front (blue) air ow
Arista Leaf-Spine Design with L3 ECMP
Arista Leaf-Spine Design with L2 MLAG
MLAG
Arista Leaf-Spine Two-tier Network Architecture with 7050QX Series
IEEE LACP
Scaling Data Center Performance
The Arista 7050QX series deliver line rate switching at layer 2 and layer 3 to enable faster and simpler network designs for data centers
that dramatically lowers the network capital and operational expenses. When used in conjunction with the Arista 7000 series of xed
and modular switches it allows networks to scale to over 110,000 10G servers in low-latency two-tier networks that provide predictable
and consistent application performance. The exibility of the L2 and L3 multi-path design options combined with support for open
standards provides maximum exibility, scalability and network wide virtualization. Arista EOS advanced features provide control and
visibility with single point of management.
...
2 Spine
Arista 7050X
15 Leaf
Arista 7050X
Scales to 1,680 nodes with 7050X Series
32 Spine
Arista 7508E
1
32
...
Scales to 110,592 x 10G nodes 3:1 oversubscribed
1152 Leaf
Arista 7050QX-32
1
1152
...
960Gb per rack
360Tb Spine
10G or 40G attach
!720!!
!1,680!!
!15,904!!
!,!!!!
!2,000!! !4,000!! !6,000!! !8,000!! !10,000!! !12,000!! !14,000!! !16,000!! !18,000!!
7050S!/!7050QX,32!
7050SX,128!/!7050QX,32!
7050QX,32!/!7508E!
!1,536!!
!3,072!!
!110,592!!
!+!!!!
!20,000!!
!40,000!!
!60,000!!
!80,000!!
!100,000!! !120,000!!
7050S!/!7050X!4+Way!
7050QX+32!/!7050X!8+Way!
7050QX+32!/!7508E!32+Way!
0
200
400
600
800
1000
1200
1400
1600
1800
2000
64
128
256
512
1024
1280
1518
2112
9216
Packet(Size(
7050QX832(RFC(2544(Latency(
High Availability
The Arista 7050X series switches were designed for high availability
from both a software and hardware perspective. Key high
availability features include:
• 1+1 hot-swappable power supplies and four N+1 hot-swap fans
• Color coded PSU’s and fans
• Live software patching
• Self healing software with Stateful Fault Repair (SFR)
• Smart System Upgrade (SSU) and Accelerated Software Update (ASU)
• Up to 64 10GbE or 40GbE ports per link aggregation group (LAG)
• Multi-chassis LAG for active/active L2 multi-pathing
• Up to 128-way ECMP routing for load balancing and redundancy



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com