Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC76/86 Datasheet(PDF) 3 Page - SYC Electronica

Part # 93LC76/86
Description  8K/16K 2.5V Microwire® Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

93LC76/86 Datasheet(HTML) 3 Page - SYC Electronica

  93LC76/86 Datasheet HTML 1Page - SYC Electronica 93LC76/86 Datasheet HTML 2Page - SYC Electronica 93LC76/86 Datasheet HTML 3Page - SYC Electronica 93LC76/86 Datasheet HTML 4Page - SYC Electronica 93LC76/86 Datasheet HTML 5Page - SYC Electronica 93LC76/86 Datasheet HTML 6Page - SYC Electronica 93LC76/86 Datasheet HTML 7Page - SYC Electronica 93LC76/86 Datasheet HTML 8Page - SYC Electronica 93LC76/86 Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
93LC76/86
TABLE 1-3:
AC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted:
VCC = +2.5V to +6.0V
Commercial (C): TAMB = 0°C to +70°C
Industrial (I):
TAMB = -40°C to +85°C
Parameter
Symbol
Min.
Max.
Units
Conditions
Clock frequency
FCLK
—
3
2
MHz
MHz
4.5V
≤ VCC ≤ 6.0V
2.5V
≤ VCC < 4.5V
Clock high time
TCKH
200
300
—
ns
ns
4.5V
≤ VCC ≤ 6.0V
2.5V
≤ VCC < 4.5V
Clock low time
TCKL
100
200
—
ns
ns
4.5V
≥ VCC ≤ 6.0V
2.5V
≤ VCC < 4.5V
Chip select setup time
TCSS
50
100
—
ns
ns
4.5V
≤ VCC ≤ 6.0V, Relative to CLK
2.5V
≤ VCC < 4.5V, Relative to CLK
Chip select hold time
TCSH
0
—
ns
—
Chip select low time
TCSL
250
—
ns
Relative to CLK
Data input setup time
TDIS
50
100
—
ns
ns
4.5V
≤ VCC ≤ 6.0V, Relative to CLK
2.5V
≤ VCC <4.5V, Relative to CLK
Data input hold time
TDIH
50
100
—
ns
ns
4.5V
≤ VCC ≤ 6.0V, Relative to CLK
2.5V
≤ VCC < 4.5V, Relative to CLK
Data output delay time
TPD
—
100
250
ns
ns
4.5V
≤ VCC ≤ 6.0V, CL = 100 pF
2.5V
≤ VCC < 4.5V, CL = 100 pF
Data output disable time
TCZ
—
100
500
ns
ns
4.5V
≤ VCC ≤ 6.0V
2.5V
≤ VCC < 4.5V (Note 1)
Status valid time
TSV
—
200
300
ns
ns
4.5V
≥ VCC ≤ 6.0V, CL = 100 pF
2.5V
≤ VCC <4.5V, CL = 100 pF
Program cycle time
TWC
—
5
ms
ERASE/WRITE mode
TEC
—
15
ms
ERAL mode
TWL
—
30
ms
WRAL mode
Endurance
—
1M
—
cycles
25°C, Vcc = 5.0V, Block Mode
(Note 2)
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific applica-
tion, please consult the Total Endurance Model which can be found on our website.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com