Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC76/86 Datasheet(PDF) 4 Page - SYC Electronica

Part # 93LC76/86
Description  8K/16K 2.5V Microwire® Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

93LC76/86 Datasheet(HTML) 4 Page - SYC Electronica

  93LC76/86 Datasheet HTML 1Page - SYC Electronica 93LC76/86 Datasheet HTML 2Page - SYC Electronica 93LC76/86 Datasheet HTML 3Page - SYC Electronica 93LC76/86 Datasheet HTML 4Page - SYC Electronica 93LC76/86 Datasheet HTML 5Page - SYC Electronica 93LC76/86 Datasheet HTML 6Page - SYC Electronica 93LC76/86 Datasheet HTML 7Page - SYC Electronica 93LC76/86 Datasheet HTML 8Page - SYC Electronica 93LC76/86 Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
93LC76/86
TABLE 1-4:
INSTRUCTION SET FOR 93LC76: ORG=1 (1X16 ORGANIZATION)
TABLE 1-5:
INSTRUCTION SET FOR 93LC76: ORG=0 (X8 ORGANIZATION)
TABLE 1-6:
INSTRUCTION SET FOR 93LC86: ORG=1 (X16 ORGANIZATION)
TABLE 1-7:
INSTRUCTION SET FOR 93LC86: ORG=0 (X8 ORGANIZATION)
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
READ
1
10
X
A8A7 A6A5 A4A3A2 A1A0
—
D15 - D0
29
EWEN
1
00
1
1
XXX
XX
XXX
—
High-Z
13
ERASE
1
11
X
A8A7 A6A5 A4A3A2 A1A0
—
(RDY/BSY)
13
ERAL
1
00
1
0
XXX
XX
XXX
—
(RDY/BSY)
13
WRITE
1
01
X
A8 A7 A6 A5 A4 A3 A2 A1 A0
D15 - D0
(RDY/BSY)
29
WRAL
1
00
0
1
X
X
X
X
X
X
X
X
D15 - D0
(RDY/BSY)
29
EWDS
1
00
0
0
XXX
XX
XXX
—
High-Z
13
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
READ
1
10
X
A9 A8A7 A6A5A4A3A2A1 A0
—
D7 - D0
22
EWEN
1
00
1
1
XX
XXX
XX
X
—
High-Z
14
ERASE
1
11
X
A9 A8A7 A6A5A4A3A2A1 A0
—
(RDY/BSY)
14
ERAL
1
00
1
0
XX
XXX
XX
X
—
(RDY/BSY)
14
WRITE
1
01
X
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
D7 - D0
(RDY/BSY)
22
WRAL
1
00
0
1
X
X
X
X
X
X
X
X
D7 - D0
(RDY/BSY)
22
EWDS
1
00
0
0
XX
XXX
XX
X
—
High-Z
14
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
READ
1
10
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
—
D15 - D0
29
EWEN
1
00
1
1
XXX
XX
XXX
—
High-Z
13
ERASE
1
11
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
—
(RDY/BSY)
13
ERAL
1
00
1
0
XXX
XX
XXX
—
(RDY/BSY)
13
WRITE
1
01
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
D15 - D0
(RDY/BSY)
29
WRAL
1
00
0
1
XXX
XX
XXX
D15 - D0
(RDY/BSY)
29
EWDS
1
00
0
0
XXX
XX
XXX
—
High-Z
13
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
READ
1
10
A10 A9A8A7A6A5A4 A3A2A1A0
—
D7 - D0
22
EWEN
1
00
1
1
XXXXXX
XX
—
High-Z
14
ERASE
1
11
A10 A9A8A7A6A5A4 A3A2A1A0
—
(RDY/BSY)
14
ERAL
1
00
1
0
XXXXXX
XX
—
(RDY/BSY)
14
WRITE
1
01
A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
D7 - D0
(RDY/BSY)
22
WRAL
1
00
0
1
XXXXXX
XX
D7 - D0
(RDY/BSY)
22
EWDS
1
00
0
0
XXXXXX
XX
—
High-Z
14



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com