Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC76/86 Datasheet(PDF) 9 Page - SYC Electronica

Part # 93LC76/86
Description  8K/16K 2.5V Microwire® Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

93LC76/86 Datasheet(HTML) 9 Page - SYC Electronica

  93LC76/86 Datasheet HTML 1Page - SYC Electronica 93LC76/86 Datasheet HTML 2Page - SYC Electronica 93LC76/86 Datasheet HTML 3Page - SYC Electronica 93LC76/86 Datasheet HTML 4Page - SYC Electronica 93LC76/86 Datasheet HTML 5Page - SYC Electronica 93LC76/86 Datasheet HTML 6Page - SYC Electronica 93LC76/86 Datasheet HTML 7Page - SYC Electronica 93LC76/86 Datasheet HTML 8Page - SYC Electronica 93LC76/86 Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
93LC76/86
FIGURE 3-8:
ERAL
Guaranteed at VCC = +4.5V to +6.0V.
ORG=VCC, 8 X’s
ORG=VSS, 9 X’s
10
01
0
X
X
...
CS
CLK
DI
DO
TEC
TCZ
HIGH IMPEDANCE
BUSY
READY
STANDBY
4.0
PIN DESCRIPTIONS
4.1
Chip Select (CS)
A HIGH level selects the device. A LOW level deselects
the device and forces it into standby mode. However, a
programming cycle which is already initiated will be
completed, regardless of the CS input signal. If CS is
brought LOW during a program cycle, the device will go
into standby mode as soon as the programming cycle
is completed.
CS must be LOW for 250 ns minimum (TCSL) between
consecutive instructions. If CS is LOW, the internal
control logic is held in a RESET status.
4.2
Serial Clock (CLK)
The Serial Clock is used to synchronize the communi-
cation between a master device and the 93LC76/86.
Opcode, address, and data bits are clocked in on the
positive edge of CLK. Data bits are also clocked out on
the positive edge of CLK.
CLK can be stopped anywhere in the transmission
sequence (at HIGH or LOW level) and can be contin-
ued anytime with respect to clock HIGH time (TCKH)
and clock LOW time (TCKL). This gives the controlling
master freedom in preparing opcode, address, and
data.
CLK is a “Don't Care” if CS is LOW (device deselected).
If CS is HIGH, but START condition has not been
detected, any number of clock cycles can be received
by the device without changing its status (i.e., waiting
for START condition).
CLK cycles are not required during the self-timed
WRITE (i.e., auto ERASE/WRITE) cycle.
After detection of a start condition the specified number
of clock cycles (respectively LOW to HIGH transitions
of CLK) must be provided. These clock cycles are
required to clock in all opcode, address, and data bits
before an instruction is executed (see Table 1-4
through Table 1-7 for more details). CLK and DI then
become don't care inputs waiting for a new start condi-
tion to be detected.
4.3
Data In (DI)
Data In is used to clock in a START bit, opcode,
address, and data synchronously with the CLK input.
4.4
Data Out (DO)
Data Out is used in the READ mode to output data syn-
chronously with the CLK input (TPD after the positive
edge of CLK).
This pin also provides READY/BUSY status informa-
tion during ERASE and WRITE cycles. READY/BUSY
status information is available when CS is high. It will
be displayed until the next start bit occurs as long as
CS stays high.
4.5
Organization (ORG)
When ORG is connected to VCC, the x16 memory orga-
nization is selected. When ORG is tied to VSS, the x8
memory organization is selected. There is an internal
pull-up resistor on the ORG pin that will select x16
organization when left unconnected.
4.6
Program Enable (PE)
This pin allows the user to enable or disable the ability
to write data to the memory array. If the PE pin is
floated or tied to VCC, the device can be programmed.
If the PE pin is tied to VSS, programming will be inhib-
ited. There is an internal pull-up on this device that
enables programming if this pin is left floating.
Note:
CS must go LOW between consecutive
instructions, except when performing a
sequential read (Refer to Section 3.1 for
more detail on sequential reads).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com