Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC76/86 Datasheet(PDF) 5 Page - SYC Electronica

Part # 93LC76/86
Description  8K/16K 2.5V Microwire® Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

93LC76/86 Datasheet(HTML) 5 Page - SYC Electronica

  93LC76/86 Datasheet HTML 1Page - SYC Electronica 93LC76/86 Datasheet HTML 2Page - SYC Electronica 93LC76/86 Datasheet HTML 3Page - SYC Electronica 93LC76/86 Datasheet HTML 4Page - SYC Electronica 93LC76/86 Datasheet HTML 5Page - SYC Electronica 93LC76/86 Datasheet HTML 6Page - SYC Electronica 93LC76/86 Datasheet HTML 7Page - SYC Electronica 93LC76/86 Datasheet HTML 8Page - SYC Electronica 93LC76/86 Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
93LC76/86
2.0
PRINCIPLES OF OPERATION
When the ORG pin is connected to VCC, the x16 orga-
nization is selected. When it is connected to ground,
the x8 organization is selected. Instructions, addresses
and write data are clocked into the DI pin on the rising
edge of the clock (CLK). The DO pin is normally held in
a high-Z state except when reading data from the
device, or when checking the READY/BUSY status
during a programming operation. The READY/BUSY
status can be verified during an Erase/Write operation
by polling the DO pin; DO low indicates that program-
ming is still in progress, while DO high indicates the
device is ready. The DO will enter the high impedance
state on the falling edge of the CS.
2.1
START Condition
The START bit is detected by the device if CS and DI
are both HIGH with respect to the positive edge of CLK
for the first time.
Before a START condition is detected, CS, CLK, and DI
may change in any combination (except to that of a
START condition), without resulting in any device oper-
ation (READ, WRITE, ERASE, EWEN, EWDS, ERAL,
and WRAL). As soon as CS is HIGH, the device is no
longer in the standby mode.
An instruction following a START condition will only be
executed if the required amount of opcode, address
and data bits for any particular instruction are clocked
in.
After execution of an instruction (i.e., clock in or out of
the last required address or data bit) CLK and DI
become don’t care bits until a new start condition is
detected.
2.2
DI/DO
It is possible to connect the Data In and Data Out pins
together. However, with this configuration it is possible
for a “bus conflict” to occur during the “dummy zero”
that precedes the READ operation, if A0 is a logic
HIGH level. Under such a condition the voltage level
seen at Data Out is undefined and will depend upon the
relative impedances of Data Out and the signal source
driving A0. The higher the current sourcing capability of
A0, the higher the voltage at the Data Out pin.
2.3
Erase/Write Enable and Disable
(EWEN, EWDS)
The 93LC76/86 powers up in the Erase/Write Disable
(EWDS) state. All programming modes must be pre-
ceded by an Erase/Write Enable (EWEN) instruction.
Once the EWEN instruction is executed, programming
remains enabled until an EWDS instruction is executed
or VCC is removed from the device. To protect against
accidental data disturb, the EWDS instruction can be
used to disable all Erase/Write functions and should
follow all programming operations. Execution of a
READ instruction is independent of both the EWEN
and EWDS instructions.
2.4
Data Protection
During power-up, all programming modes of operation
are inhibited until VCC has reached a level greater than
1.4V. During power-down, the source data protection
circuitry acts to inhibit all programming modes when
VCC has fallen below 1.4V.
The EWEN and EWDS commands give additional pro-
tection against accidentally programming during nor-
mal operation.
After power-up, the device is automatically in the
EWDS mode. Therefore, an EWEN instruction must be
performed before any ERASE or WRITE instruction
can be executed.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com