Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8154 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL8154
Description  Low Phase Noise Amplifier, 10 MHz to 6 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8154 Datasheet(HTML) 4 Page - Analog Devices

  ADL8154 Datasheet HTML 1Page - Analog Devices ADL8154 Datasheet HTML 2Page - Analog Devices ADL8154 Datasheet HTML 3Page - Analog Devices ADL8154 Datasheet HTML 4Page - Analog Devices ADL8154 Datasheet HTML 5Page - Analog Devices ADL8154 Datasheet HTML 6Page - Analog Devices ADL8154 Datasheet HTML 7Page - Analog Devices ADL8154 Datasheet HTML 8Page - Analog Devices ADL8154 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Data Sheet
ADL8154
analog.com
Rev. 0 | 4 of 23
SPECIFICATIONS
5 GH
z TO 6 GHz FREQUENCY RANGE
VCC = 5 V, ICQ = 125 mA, RBIAS = 680 Ω, and TCASE = 25°C, unless otherwise noted.
Table 3. 5 GHz to 6 GHz Frequency Range Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
5
6
GHz
S21
12
14.5
dB
Gain Variation over Temperature
0.025
dB/°C
NOISE FIGURE
4.5
dB
PHASE NOISE
−172
dBc/Hz
Measurement taken at OP1dB and 10 kHz offset
RETURN LOSS
S11
14.5
dB
S22
12
dB
OUTPUT
OP1dB
19
dBm
PSAT
20.5
dBm
OIP3
31
dBm
Measurement taken at POUT per tone = 5 dBm
OIP2
53
dBm
Measurement taken at POUT per tone = 5 dBm
PAE
15
%
Measured at PSAT
DC SPECIFICATIONS
Table 4. DC Specifications
Parameter
Min
Typ
Max
Unit
SUPPLY CURRENT
ICQ
125
mA
Amplifier Current (ICQ_AMP)
123
mA
RBIAS Current (IRBIAS)
2
mA
SUPPLY VOLTAGE
VCC
4
5
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com