Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8154 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8154
Description  Low Phase Noise Amplifier, 10 MHz to 6 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8154 Datasheet(HTML) 1 Page - Analog Devices

  ADL8154 Datasheet HTML 1Page - Analog Devices ADL8154 Datasheet HTML 2Page - Analog Devices ADL8154 Datasheet HTML 3Page - Analog Devices ADL8154 Datasheet HTML 4Page - Analog Devices ADL8154 Datasheet HTML 5Page - Analog Devices ADL8154 Datasheet HTML 6Page - Analog Devices ADL8154 Datasheet HTML 7Page - Analog Devices ADL8154 Datasheet HTML 8Page - Analog Devices ADL8154 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Data Sheet
ADL8154
Low Phase Noise Amplifier, 10 MHz to 6 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Wideband operation: 10 MHz to 6 GHz
►
Low residual phase noise
►
Single positive supply: 5 V and ICQ of 125 mA
►
RBIAS collector current adjustment pin
►
Extended operating temperature range: −55°C to +125°C
►
RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP
APPLICATIONS
►
Telecommunication
►
Test and measurement equipment
►
Radars
►
Local oscillator drivers
GENERAL DESCRIPTION
The ADL8154 is a small form factor, low phase noise amplifier
designed for instrumentation, radar, and telecommunications appli-
cations. The phase noise from 2 GHz to 5 GHz is −172 dBc/Hz at 1
dB compression (P1dB) and 10 kHz offset.
The ADL8154 operates from a single positive supply (VCC); its bias
current (ICQ) is set by a resistor connected between the RBIAS pin
and the VCC1 and VCC2 pins. The RF input and RF output are
DC-coupled and matched to 50 Ω. A bias inductor is required on the
RF output.
The typical gain and noise figure are 16.5 dB and 3.5 dB , respec-
tively, from 2 GHz to 5 GHz. The typical output third-order intercept
(OIP3) and output second-order intercept (OIP2) are 34.5 dBm and
53 dBm, respectively, from 2 GHz to 5 GHz. The nominal supply
voltage is 5 V, and the supply current is 125 mA.
The ADL8154 is fabricated on gallium arsenide (GaAs), heterojunc-
tion bipolar transistor (HBT). The device is housed in a RoHS-com-
pliant, 2 mm × 2 mm, 8-lead LFCSP and is specified for operation
from −55°C to +125°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADL8154

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8150 AD-ADL8150 Datasheet
251Kb / 15P
GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
10/2020-Revision 0
ADL8150-EVALZ AD-ADL8150-EVALZ Datasheet
251Kb / 15P
GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
10/2020-Revision 0
ADL8150ACHIP AD-ADL8150ACHIP Datasheet
289Kb / 14P
GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
7/2020-Revision 0
ADL8150ACPZN AD-ADL8150ACPZN Datasheet
251Kb / 15P
GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
10/2020-Revision 0
ADL8150ACPZN-R7 AD-ADL8150ACPZN-R7 Datasheet
251Kb / 15P
GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
10/2020-Revision 0
More results

Similar Description - ADL8154

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C072 HITTITE-HMC-C072 Datasheet
336Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C072 HITTITE-HMC-C072_10 Datasheet
339Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
logo
Analog Devices
HMC8411LP2FE AD-HMC8411LP2FE Datasheet
575Kb / 23P
Low Noise Amplifier, 0.01 GHz to 10 GHz
5/2019-Rev. 0 to Rev. A
logo
Custom MMIC Design Serv...
CMD245 MMIC-CMD245 Datasheet
310Kb / 10P
6-18 GHz Low Phase Noise Amplifier
CMD245C4 MMIC-CMD245C4 Datasheet
255Kb / 10P
6-18 GHz Low Phase Noise Amplifier
logo
Analog Devices
ADL8150 AD-ADL8150 Datasheet
251Kb / 15P
GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
10/2020-Revision 0
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
logo
Qorvo, Inc
CMD245C4 QORVO-CMD245C4 Datasheet
250Kb / 10P
6-18 GHz Low Phase Noise Amplifier
CMD245 QORVO-CMD245 Datasheet
305Kb / 10P
6-18 GHz Low Phase Noise Amplifier
logo
Analog Devices
ADL8150ACHIP AD-ADL8150ACHIP Datasheet
289Kb / 14P
GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
7/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com