Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8154 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL8154
Description  Low Phase Noise Amplifier, 10 MHz to 6 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8154 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL8154 Datasheet HTML 2Page - Analog Devices ADL8154 Datasheet HTML 3Page - Analog Devices ADL8154 Datasheet HTML 4Page - Analog Devices ADL8154 Datasheet HTML 5Page - Analog Devices ADL8154 Datasheet HTML 6Page - Analog Devices ADL8154 Datasheet HTML 7Page - Analog Devices ADL8154 Datasheet HTML 8Page - Analog Devices ADL8154 Datasheet HTML 9Page - Analog Devices ADL8154 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Data Sheet
ADL8154
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 23
Figure 2. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Input. The RFIN pin is DC-coupled and matched to 50 Ω. See Figure 3 for the interface schematic.
2, 3
NIC
No Internal Connection. The NIC pins are not connected internally. For normal operation, connect these pins to ground.
4
GND
Ground. Connect to a ground plane that has low electrical and thermal impedance. See Figure 4 for the interface schematic.
5
RFOUT/VCC1
RF Output and Collector Bias Voltage. RFOUT is DC-coupled and also serves as the collector biasing node. For the collector bias (VCC1),
connect a DC bias network to provide the collector current (ICC) and AC-couple the RF output path. See Figure 5 for the interface schematic.
6
VCC2
Collector Bias. Connect VCC2 to a common supply with VCC1. See Figure 6 for the interface schematic.
7
RBIAS
Bias Setting Resistor. Connect a resistor between the RBIAS pin and VCC1 and VCC2 pins to set ICQ. See Figure 82 and Table 9 for more
details. See Figure 7 for the interface schematic.
8
VBIAS
Bias Setting Voltage Output. VBIAS sets the bias voltage for the RFIN pin. Connect VBIAS to RFIN using an inductor or ferrite bead as shown
in Figure 82. See Figure 8 for the interface schematic
GROUND
PADDLE
Ground Paddle. Connect the ground paddle to a ground plane that has low electrical and thermal impedance.
INTERFACE SCHEMATICS
Figure 3. RFIN Interface Schematic
Figure 4. GND Interface Schematic
Figure 5. RFOUT/VCC1 Interface Schematic
Figure 6. VCC2 Interface Schematic
Figure 7. RBIAS Interface Schematic
Figure 8. VBIAS Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com