Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8154 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL8154
Description  Low Phase Noise Amplifier, 10 MHz to 6 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8154 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL8154 Datasheet HTML 11Page - Analog Devices ADL8154 Datasheet HTML 12Page - Analog Devices ADL8154 Datasheet HTML 13Page - Analog Devices ADL8154 Datasheet HTML 14Page - Analog Devices ADL8154 Datasheet HTML 15Page - Analog Devices ADL8154 Datasheet HTML 16Page - Analog Devices ADL8154 Datasheet HTML 17Page - Analog Devices ADL8154 Datasheet HTML 18Page - Analog Devices ADL8154 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Data Sheet
ADL8154
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 15 of 23
Figure 57. PAE Measured at PSAT vs. Frequency for Various ICQ Values,
10 MHz to 300 MHz, VCC = 5 V
Figure 58. PDISS vs. PIN at Various Frequencies,
TCASE = 85°C, VCC = 5 V
Figure 59. POUT, GAIN, PAE, and ICC vs. PIN, Power Compression at 4 GHz,
VCC = 5 V, RBIAS = 680 Ω
Figure 60. PAE Measured at PSAT vs. Frequency for Various ICQ Values,
300 MHz to 7 GHz, VCC = 5 V
Figure 61. POUT, GAIN, PAE, and ICC vs. PIN, Power Compression at 2 GHz,
VCC = 5 V, RBIAS = 680 Ω
Figure 62. POUT, GAIN, PAE, and ICC vs. PIN, Power Compression at 6 GHz,
VCC = 5 V, RBIAS = 680 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com