Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5582IDDPBF Datasheet(PDF) 4 Page - Analog Devices

Part # LTC5582IDDPBF
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5582IDDPBF Datasheet(HTML) 4 Page - Analog Devices

  LTC5582IDDPBF Datasheet HTML 1Page - Analog Devices LTC5582IDDPBF Datasheet HTML 2Page - Analog Devices LTC5582IDDPBF Datasheet HTML 3Page - Analog Devices LTC5582IDDPBF Datasheet HTML 4Page - Analog Devices LTC5582IDDPBF Datasheet HTML 5Page - Analog Devices LTC5582IDDPBF Datasheet HTML 6Page - Analog Devices LTC5582IDDPBF Datasheet HTML 7Page - Analog Devices LTC5582IDDPBF Datasheet HTML 8Page - Analog Devices LTC5582IDDPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC5582
4
Rev. D
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC5582IDD is guaranteed functional over the case
temperature range –40°C to 105°C. All limits at –40°C and 105°C are
guaranteed by design and production sample testing.
Note 3: The LTC5582HDD is guaranteed functional over the case
temperature range –40°C to 125°C. All limits at –40°C and 125°C are
guaranteed by 100% production testing.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Interface
Output DC Voltage
No RF Signal Present
0.69
V
Output Impedance
100
Ω
Output Current
Maximum
±5
mA
Rise Time, 10% to 90%
0.8V to 2.4V, C3 = 8nF, fRF = 100MHz
90
nS
Fall Time, 90% to 10%
2.4V to 0.8V, C3 = 8nF, fRF = 100MHz
5
μS
Enable (EN) Low = Off, High = On
EN Input High Voltage (On)
l
1
V
EN Input Low Voltage (Off)
l
0.4
V
Enable Pin Input Current
EN = 3.3V
125
200
μA
Turn ON Time
VOUT within 10% of Final Value, C3 = 8nF
2.8
μs
Turn OFF Time
VOUT < 0.8V, C3 = 8nF
40
μs
Power Supply
Supply Voltage
3.1
3.3
3.5
V
Supply Current
41.6
52
mA
Shutdown Current
EN = 0V, VCC = 3.5V
0.1
10
μA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = 3.3V, EN = 3.3V. Test circuit is shown in Figure 1. (Notes 2 and 3).
Note 4: Logarithmic Intercept is an extrapolated input power level from the
best fitted log-linear straight line, where the output voltage is 0V.
Note 5: Operation over a wider frequency range is possible with reduced
performance. Consult the factory for information and assistance.
Note 6: The linearity error is calculated by the difference between the
incremental slope of the output and the average output slope from
–50dBm to –5dBm for frequencies up to 5.8GHz, and –25dBm to –5dBm
for 8GHz and 10GHz. The dynamic range is defined as the range over
which the linearity error is within ±1dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com