Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5582IDDPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LTC5582IDDPBF
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5582IDDPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC5582IDDPBF Datasheet HTML 10Page - Analog Devices LTC5582IDDPBF Datasheet HTML 11Page - Analog Devices LTC5582IDDPBF Datasheet HTML 12Page - Analog Devices LTC5582IDDPBF Datasheet HTML 13Page - Analog Devices LTC5582IDDPBF Datasheet HTML 14Page - Analog Devices LTC5582IDDPBF Datasheet HTML 15Page - Analog Devices LTC5582IDDPBF Datasheet HTML 16Page - Analog Devices LTC5582IDDPBF Datasheet HTML 17Page - Analog Devices LTC5582IDDPBF Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
LTC5582
15
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 12. 2nd-Order Temperature Compensation Coefficient
TC2 vs RT2 Value
RT2 (k)
0
12
3
2
5
7
8
6
4
1
0
20
4
8
16
160
40
80
120
0
200
5582 F12
TC2
detV2
Figure 13. Enable Pin Simplified Circuit
3600
0
1.6
5800
0
3
Enable Interface
A simplified schematic of the EN Pin interface is shown
in Figure 13. The enable voltage necessary to turn on the
LTC5582 is 1V. To disable or turn off the chip, this volt-
age should be below 0.4V. It is important that the voltage
applied to the EN pin should never exceed VCC by more
than 0.3V. Otherwise, the supply current may be sourced
through the upper ESD protection diode connected at the
EN pin. Under no circumstances should voltage be applied
to the EN Pin before the supply voltage is applied to the
VCC pin. If this occurs, damage to the IC may result.
Supply Voltage Ramping
Fast ramping of the supply voltage can cause a current
glitch in the internal ESD protection circuits. Depending
on the supply inductance, this could result in a supply
voltage overshooting at the initial transient that exceeds
themaximumrating.Asupplyvoltageramptimeofgreater
than 1ms is recommended. In case this voltage ramp time
is not controllable, a small (i.e., 1.5Ω) series resistor
should be inserted in-between VCC Pin and the supply
voltagesourcetomitigatetheproblemandself-protectthe
IC. The R1 shown in Figure 1 is served for this purpose.
52k
VCC
5582 F13
52k
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com