Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5582IDDPBF Datasheet(PDF) 8 Page - Analog Devices

Part # LTC5582IDDPBF
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5582IDDPBF Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC5582IDDPBF Datasheet HTML 4Page - Analog Devices LTC5582IDDPBF Datasheet HTML 5Page - Analog Devices LTC5582IDDPBF Datasheet HTML 6Page - Analog Devices LTC5582IDDPBF Datasheet HTML 7Page - Analog Devices LTC5582IDDPBF Datasheet HTML 8Page - Analog Devices LTC5582IDDPBF Datasheet HTML 9Page - Analog Devices LTC5582IDDPBF Datasheet HTML 10Page - Analog Devices LTC5582IDDPBF Datasheet HTML 11Page - Analog Devices LTC5582IDDPBF Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC5582
8
Rev. D
For more information www.analog.com
VCC = 3.3V, EN = 3.3V, TC = 25°C, RT1 = 0Ω,
RT2 = 0Ω unless otherwise noted. Test circuits shown in Figure 1.
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs RF Input Power
RF Input Return Loss vs
Frequency
5582 G28
–65 –55 –45 –35 –25 –15
–5
5
60
55
50
45
40
35
30
25
20
INPUT POWER (dBm)
TC = 125°C
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
5582 G29
0.1
1
10
0
–5
–10
–15
–20
–25
–30
RF FREQUENCY (GHz)
S11
Output Transient Response,
C3 = 1µF
TIME (ms)
0
4.8
4.4
3.6
2.8
2.0
1.2
4.0
3.2
2.4
1.6
0.8
0.4
0.4
0.8
0.2
0.6
5582 G26
1.0
0.3
0.7
0.1
0.5
0.9
fRF = 100MHz
RF PULSE OFF
RF PULSE ON
RF PULSE OFF
PIN = 0dBm
PIN = –10dBm
PIN = –20dBm
PIN = –30dBm
PIN = –40dBm
PIN = –50dBm
Logarithmic Intercept Distribution
vs Temperature, 2140MHz
Output Transient Response,
C3 = 8nF
Slope Distribution vs
Temperature, 2140MHz
TIME (µs)
0
4.8
4.4
3.6
2.8
2.0
1.2
4.0
3.2
2.4
1.6
0.8
0.4
4
8
2
6
5582 G25
10
3
7
1
5
9
fRF = 100MHz
RF PULSE OFF
RF PULSE ON
RF PULSE OFF
PIN = 0dBm
PIN = –10dBm
PIN = –20dBm
PIN = –30dBm
PIN = –40dBm
PIN = –50dBm
SLOPE (mV/dB)
27.9
35
30
20
10
25
15
5
0
28.5
5582 G23
30.3
29.7
29.1
TC = 85°C
TC = 25°C
TC = –40°C
LOGRITHMIC INTERCEPT (dBm)
–90
25
20
10
15
5
0
5582 G24
–80
–82
–84
–86
–88
TC = 85°C
TC = 25°C
TC = –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com