Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5582IDDPBF Datasheet(PDF) 6 Page - Analog Devices

Part # LTC5582IDDPBF
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5582IDDPBF Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC5582IDDPBF Datasheet HTML 2Page - Analog Devices LTC5582IDDPBF Datasheet HTML 3Page - Analog Devices LTC5582IDDPBF Datasheet HTML 4Page - Analog Devices LTC5582IDDPBF Datasheet HTML 5Page - Analog Devices LTC5582IDDPBF Datasheet HTML 6Page - Analog Devices LTC5582IDDPBF Datasheet HTML 7Page - Analog Devices LTC5582IDDPBF Datasheet HTML 8Page - Analog Devices LTC5582IDDPBF Datasheet HTML 9Page - Analog Devices LTC5582IDDPBF Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC5582
6
Rev. D
For more information www.analog.com
VCC = 3.3V, EN = 3.3V, TC = 25°C, RT1 = 0Ω,
RT2 = 0Ω unless otherwise noted. Test circuits shown in Figure 1.
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage, Linearity Error vs
RF Input Power, 3800MHz
Output Voltage Temperature
Variation from 25°C, 3800MHz
Linear Error vs RF Input Power,
Modulated Waveforms, 3800MHz
Output Voltage Temperature
Variation from 25°C, 2700MHz
Linear Error vs RF Input Power,
Modulated Waveforms, 2700MHz
5582 G13
–65 –55 –45 –35 –25 –15
–5
5
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
INPUT POWER (dBm)
TC = 125°C
TC = 105°C
TC = 85°C
TC = –40°C
RF INPUT POWER (dBm)
–65
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 G14
5
–35
–55
–15
TC = 25°C
CW
WiMAX
5582 G15
–65 –55 –45 –35 –25 –15
–5
5
2.8
2.4
2.0
1.6
1.2
0.8
0.4
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
INPUT POWER (dBm)
TC = 125°C
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
5582 G16
–65 –55 –45 –35 –25 –15
–5
5
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
INPUT POWER (dBm)
TC = 125°C
TC = 105°C
TC = 85°C
TC = –40°C
RF INPUT POWER (dBm)
–65
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 G17
5
–35
–55
–15
TC = 25°C
CW
WiMAX
Output Voltage, Linearity Error vs
RF Input Power, 2700MHz
5582 G12
–65 –55 –45 –35 –25 –15
–5
5
2.8
2.4
2.0
1.6
1.2
0.8
0.4
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
INPUT POWER (dBm)
TC = 125°C
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
Output Voltage, Linearity Error vs
RF Input Power, 2140MHz
Output Voltage Temperature
Variation from 25°C, 2140MHz
Linear Error vs RF Input Power,
Modulated Waveforms, 2140MHz
5582 G9
–65 –55 –45 –35 –25 –15
–5
5
2.8
2.4
2.0
1.6
1.2
0.8
0.4
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
INPUT POWER (dBm)
TC = 125°C
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
5582 G10
–65 –55 –45 –35 –25 –15
–5
5
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
INPUT POWER (dBm)
TC = 125°C
TC = 105°C
TC = 85°C
TC = –40°C
RF INPUT POWER (dBm)
–65
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 G11
5
–35
–55
–15
TC = 25°C
4-CARRIER WCDMA
CW
3-CARRIER CDMA2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com