Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7308-SFAN-R Datasheet(PDF) 39 Page - Arista Networks, Inc

Part # DCS-7308-SFAN-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7308-SFAN-R Datasheet(HTML) 39 Page - Arista Networks, Inc

Back Button DCS-7308-SFAN-R Datasheet HTML 35Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 36Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 37Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 38Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 39Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 40Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 41Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 42Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 43Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Appendix
A
Status Indicators
This section discusses the several status indicators, their location, and the meaning of their display
status.
A.1
Supervisor Module
While the front panel of each switch can house two supervisors, switch operations require only one.
Supervisors display switch component status and contain Ethernet management and console ports.
Fabric and Fan-only Module Description displays the supervisor location on each switch.
The supervisor provides one serial console port, two Ethernet management ports, two USB ports,
and one clock input port. Supervisor activity is reported by LEDs in the lower left corner. Four LEDs
located right of these LEDs report status of other switch components. Figure 26: Supervisor Module
(DCS-7300(-D)-SUP) displays the Supervisor Module.
Figure 26: Supervisor Module (DCS-7300(-D)-SUP)
1
Status LED
5
Fabric module status
LED
9
Ethernet management
port
2
Active LED
6
Fan module status LED 10
USB ports
3
Power supply status
LED
7
Console serial port
11
Clock input port
4
Line card status LED
8
Ethernet management
port
12
Release lever
Supervisor Activity Status LEDs
Table 9: Supervisor Activity LED States interprets the states of the Status and Active LEDs.
Table 9: Supervisor Activity LED States
LED Name
LED State
Supervisor State
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com