Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7308-SFAN-R Datasheet(PDF) 28 Page - Arista Networks, Inc

Part # DCS-7308-SFAN-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7308-SFAN-R Datasheet(HTML) 28 Page - Arista Networks, Inc

Back Button DCS-7308-SFAN-R Datasheet HTML 24Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 25Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 26Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 27Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 28Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 29Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 30Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 31Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 32Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
4.1
Cabling the AC Power Supply
4.1.1
Grounding the Switch
After mounting the switch into the rack, connect the switch to the data center ground. Figure 16:
Grounding Pad and ESD Grounding Pad Sockets displays the location of the grounding pads located
on the front panel (left illustration) and rear panel (right illustration). After the switch is grounded, ESD
wrist straps can be grounded by connecting them to one of the grounding pads.
Important: Grounding wires and grounding lugs (M4 x 0.7) are not supplied. Wire size should
meet local and national installation requirements. Commercially available 6 AWG wire is
recommended for installations in the U.S.
À la terre et de mise à la terre fils cosses (M4 x 0.7) ne sont pas fournis. Calibre des fils doit
satisfaire des exigences de l’installation locale et nationale. Disponible dans le commerce des
câbles 6 AWG sont recommandé pour les installations aux États-Unis.
1
Secondary ground
2
Secondary ground
3
Earth grounding pad
Figure 16: Grounding Pad and ESD Grounding Pad Sockets
4.1.2
Connecting Power Cables to an AC Power Supply
Figure 17: Power Input Sockets displays an AC power supply module, including the power input
socket.
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com