Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7308-SFAN-R Datasheet(PDF) 14 Page - Arista Networks, Inc

Part # DCS-7308-SFAN-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7308-SFAN-R Datasheet(HTML) 14 Page - Arista Networks, Inc

Back Button DCS-7308-SFAN-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 12Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 13Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 14Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 15Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 16Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 17Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 18Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
When mounting the switch in a partially filled rack, load the rack from bottom to top, with the
heaviest equipment at the bottom. Load the switch at the bottom if it is the only item in the rack.
The accessory kit provides mounting brackets for four-post racks. Contact your sales representative
to obtain two-post mounting racks.
•
Power Requirements: Power requirements vary by switch. Refer to Table 1: 7300 Modular Switch
and Component Specifications for information regarding your specific system.
Multiple circuits provide redundancy protection. The switch uses power cables that have an
IEC-320 C19 plug. The accessory kit provides IEC-320 C19 to C20 power cables.
Important: All power input plug-socket combinations must be accessible at all times; they
provide the primary method of disconnecting power from the system.
Toutes les combinaisons de fiche-prise d’entrée de puissance doivent être accessibles en
tout temps; ils fournissent le principal moyen de coupure d’alimentation du système.
•
Other Requirements: Select a site where liquids or objects cannot fall onto the equipment and
foreign objects are not drawn into the ventilation holes. Verify these guidelines are met:
•
Clearance areas to the front and rear panels allow for unrestricted cabling.
•
All front and rear panel indicators can be easily read.
•
AC power cords can reach from the AC power outlet to the connectors on the front panel.
Important: Disconnecting power to all input sockets is required to completely power off
the unit.
Coupure d’alimentation sur toutes les entrées il faut pouvoir complètement l’appareil hors
tension.
2.2
Tools Required for Installation
Each switch provides an accessory kit that contains parts for installing the switch into a four-post rack.
Two-post rack mount parts are available through your sales representative.
Accessory kits do not include screws, nuts, or bolts for attaching the switch to a conventional rack.
In addition to the accessory kit, the following tools are required to install a modular switch:
All Racks
Mechanical device capable of lifting chassis being installed (chassis weight listed in Table 1: 7300
Modular Switch and Component Specifications ).
Two-Post Conventional Rack
•
Screws or rack mounting nuts and bolts.
•
Screwdriver.
Four-Post Tool-less Rack
No additional equipment required.
Four-Post Conventional Rack
•
Screws or rack mounting nuts and bolts.
•
Screwdriver.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com