Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7308-SFAN-R Datasheet(PDF) 45 Page - Arista Networks, Inc

Part # DCS-7308-SFAN-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7308-SFAN-R Datasheet(HTML) 45 Page - Arista Networks, Inc

Back Button DCS-7308-SFAN-R Datasheet HTML 41Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 42Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 43Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 44Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 45Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 46Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 47Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 48Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 49Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
Appendix
B
Fabric and Fan-only Module Description
Each switch has four rear slots for fabric modules. In addition to providing the data transport media,
fabric modules contain fan modules that circulate air through the switch. Proper switch operation
requires the population of each rear slot.
Switches that are configured for maximum traffic capacity contain a fabric module in each rear slot. In
network configurations that do not require maximum traffic capacity, an economical alternative is to
replace two fabric modules with fan-only modules.
Each fan-only module provides the cooling capacity of the corresponding fabric module through a set
of fans that are integrated into the module. The fans of a fan-only module are not removable, unlike the
fabric module that requires the insertion of individual fan modules.
Fan-only modules are available for the 7304 and 7308 switches. Fabric and Fan Modules: Extracted-
left displays a 7304 fabric module and a 7304 fan-only module that are removed from the switch.
Fabric and Fan Modules: Installed-right displays the rear panel of a 7304 switch that contains two
fabric modules and two fan-only modules.
Figure 31: Fabric and Fan-only Modules: Extracted (left) and Installed (right)
Each module includes lock-levers that secure it to the chassis. The module and the lock levers are
easily damaged by improperly removing, inserting, or handling the fabric module. Never use the lock
levers to lift or move the module after it is removed from the chassis.
The fan direction of the fabric modules is specified by the color of the fan modules. The fan direction
on fan-only modules is denoted by the indicator located below the top handle (Figure 35: DCS-7304
Fabric and Fan-only Module (left); DCS-7304 Fan-only Module (right) ).
The following module combinations are the only valid rear panel configurations:
•
Fabric Modules in slots 1 – 4
•
Fabric Modules in slots 1 – 2; Fan-only modules in slots 3 – 4.
Note: On the 7308, if a fan-only module is not inserted, a metal piece covers the slot as
shown below
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com