Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7002-R Datasheet(PDF) 52 Page - Arista Networks, Inc

Part # FAN-7002-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7002-R Datasheet(HTML) 52 Page - Arista Networks, Inc

Back Button FAN-7002-R Datasheet HTML 48Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 49Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 50Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 51Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 52Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 53Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 54Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 55Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 56Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
1
Right shelf
Figure 37: Four-Post Rack Mount Parts
1
Left shelf
2
Right shelf
3
Mounting ears
C.3
Four-Post Rack Mount Kit (Optional - 106-575-074-00)
Part Number
Quantity
Description
Rack Type
036-030-014
18
M610 clip nuts
Round hole
036-023-025
18
M6 cage nuts
Square hole
036-020-051
18
12-24 x .50 screws
Threaded hole
106002508
18
M6 x .50 screws
Square, round, and
threaded hole
036-701-148
18
10-32 x .50 screws
Threaded hole
C.4
Two-Post Rack Mount Parts
Two-post rack mount parts for DCS-7304 and DCS-7308 switches are available through your sales
representative. Two-post rack mounts are not supported for DCS-7316 switches.
Quantity
Description
2
Center-mount brackets.
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com