Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7002-R Datasheet(PDF) 21 Page - Arista Networks, Inc

Part # FAN-7002-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7002-R Datasheet(HTML) 21 Page - Arista Networks, Inc

Back Button FAN-7002-R Datasheet HTML 17Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 18Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 19Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 20Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 21Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 22Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 23Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 24Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 25Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
Rack Mounting the Switch
Rack posts and guide pins that insert into the rack are visible from the outer side of the ear (Inset B).
To install ears into posts with threaded or round holes, remove both plugs from each ear (if required for
rail set), then install the ears with screws that fit the rack.
Figure 8: Mounting Ears
1
Brace (Inner view)
4
Inset A - Released
7
Inset B (Details)
2
Inset A
5
Brace (Outer view)
8
Rack plugs
3
Inset A - Locked
6
Inset B
3.2.2
Component Placement
Figure 9: Component Placement displays component placement for a 7304 (8-RU) switch. Mounting
ears brace the top of the switch; their rack placement position differs for each switch model. Using the
placement of the shelves’ bottom front rack plug as a reference (first RU and first hole), the mounting
ears are placed as follows:
•
7304: 8th RU (22nd through 24th holes)
•
7308: 13th RU (37th through 39th holes)
•
7316: 21st RU (61st through 63rd holes)
Figure 9: Component Placement
3.2.3
Switch Mounting Process
The switch mounting process consists of three steps:
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com