Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7002-R Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # FAN-7002-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7002-R Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button FAN-7002-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 10Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 11Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 12Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
Linecard Modules
DCS-7300X-32Q-LC
DCS-7300X-64S-LC
DCS-7300X-64T-LC
DCS-7320X-32C-LC
DCS-7300X3-32C-LC
DCS-7300X3-48YC4-LC
219 W / 372 W
166 W / 232 W
279 W / 430 W
428 W / 516 W
284 W / 491 W
193 W / 228 W
Fabric Modules
DCS-7304X-FM
DCS-7308X-FM
DCS-7316X-FM
DCS-7324X-FM
DCS-7328X-FM
DCS-7304X3-FM
DCS-7308X3-FM
98 W / 172 W
195 W / 343 W
550 W / 760 W
192W / 288 W
380W / 578 W
98 W / 172 W
195 W / 343 W
Fan-Only Modules
DCS-7304-S-FAN
DCS-7308-S-FAN
16 W / 32 W
32 W / 64 W
Power Supplies
PWR-2700-DC (fan power
PWR-3K-AC (fan power)
PWR-3KT-AC (fan power)
PWR-3K-DC (fan power)
43 W/ 43 W
43 W/ 43 W
43 W/ 43 W
43 W/ 43 W
7304 Series System
Full chassis loaded with four
DCS-7300X-64T-LC line cards
1573 W / 3048 W
7308 Series System
Full chassis loaded with eight
DCS-7300X-64T-LC line cards
3077 W / 4972 W
7316 Series System
Full chassis loaded with
Sixteen
DCS-7300X-64T-LC line cards
6729 W / 10080 W
7324X Series System
Full chassis loaded with four
DCS-7320X-32C-LC line cards
2545 W / 3376 W
7328X Series System
Full chassis loaded with eight
DCS-7320X-32C-LC line cards
5009 W / 6600 W
7304X3 Series System
Full chassis loaded with four
DCS-7300X3-32C-LC line
cards
1885 W / 3078 W
7308X3 Series System
Full chassis loaded with eight
DCS-7300X3-32C-LC line
cards
4005 W / 6490 W
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com