Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7002-R Datasheet(PDF) 10 Page - Arista Networks, Inc

Part # FAN-7002-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7002-R Datasheet(HTML) 10 Page - Arista Networks, Inc

Back Button FAN-7002-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 10Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 11Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 12Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 13Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 14Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
DCS-7316
(Reverse)
DCS-7316X-
FM-R
Not Available
FAN-7002-R
DCS-7300X-
32Q-LC
DCS-7300X-
64S-LC
DCS-7300X-
64T-LC
PWR-3K-AC-
F
PWR-2700-
DC-F
PWR-3K-AC-
R
PWR-2700-
DC-R
Table 4: 7320X Series lists 7320X Series switch components.
Table 4: 7320X Series
Chassis Model
Fabric Module
Fan Spare
Line Card
Power Supply
DCS-7324X
(Forward)
DCS-7324X-FM-
F
FAN-7002H-F
DCS-7320X-32C-
LC
PWR-3KT-AC-
BLUE
DCS-7328X
(Forward)
DCS-7328X-FM-
F
FAN-7002H-F
DCS-7320X-32C-
LC
PWR-3KT-AC-
BLUE
Table 5: 7320X3 Series lists 7300X3 Series switch components.
Table 5: 7320X3 Series
Chassis Model
Fabric Module
Fan Spare
Line Card
Power Supply
DCS-7304X3
DCS-7304X3-FM
FAN-7002H-F
DCS-7300X3-32C-
LC
PWR-3KT-AC-
BLUE
DCS-7308X3
DCS-7308X3-FM
FAN-7002H-F
DCS-7320X-32C-
LC
PWR-3KT-AC-
BLUE
Table 6: AC/DC PSU Comparison (Circuit, Cabling, and Airflow for DCS-7304, DCS-7308, and
DCS-7316) lists an AC and DC Power Supply Unit (PSU) comparison of circuit, cabling, and airflow for
the DCS-7304, DCS-7308, and DCS-7316.
Table 6: AC/DC PSU Comparison (Circuit, Cabling, and Airflow for DCS-7304, DCS-7308, and
DCS-7316)
Required Cabling and Interconnect
Model
Supported
Chassis
Input Power
(Per Circuit)
Branch
Circuit
Protection
Description
Qty
PSU Air
Flow
PWR-3K-
AC-R
PWR-3K-
AC-F
DCS-7304
DCS-7308
DCS-7316
200 - 240
VAC
16 A (20 A
US)
50 or 60 Hz
20 A
Power
cables: 14
AWG, C19-
C20
One for
each AC
power
supply
module
supplied with
switch.
Reverse
(Red)
Forward
(Blue)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com