Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIT-7101-RK Datasheet(PDF) 5 Page - Arista Networks, Inc

Part # KIT-7101-RK
Description  7280R3 Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7101-RK Datasheet(HTML) 5 Page - Arista Networks, Inc

  KIT-7101-RK Datasheet HTML 1Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 2Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 3Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 4Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 5Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 6Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 7Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 8Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
7280R3 Series | Technical Specifications
Arista 7280PR3-24
Arista 7280CR3-32P4
Arista 7280CR3-96
Arista 7280DR3-24
Arista 7280CR3-32D4
Arista 7280CR3-36S
Arista 7280R3 2RU Rear View: Front to Rear airflow (red)
DC Powered
Arista 7280R3 1RU Rear View: Front to Rear airflow (red)
AC Powered
2U Hot swap fan modules
2.4kW Hot swap power supplies
1500W Hot swap power supplies
1U Hot swap fan modules
7280R3 High Availability
The Arista 7280R3 switches were designed for continuous operations with system wide monitoring of both hardware and software
components, simple serviceability and provisioning to prevent single points of failure. Key high availability features include:
1+1 hot-swappable power supplies and hot-swap fans provide dynamic temperature control combined with N+1 redundancy
Color coded PSU’s and fans that deliver platinum level power efficiency
Live software patching
Self healing software with Stateful Fault Repair (SFR)
Arista 7280SR3-48YC8
Arista 7280SR3-40YC6
Arista 7280TR3-40C6
7280TR3-40C6 series: 40 port 10GBASE-T and 6 port 100G
- 800 Gbps wire speed performance with 2GB buffer, 40 x 10G RJ45 and 6 x 100G QSFP
7280SR3-40YC6 series: 40 port 25G and 6 port 100G
- 800 Gbps wire speed performance with 2GB buffer, 40 x 25G SFP and 6 x 100G QSFP
7280SR3-48YC8 series: 48 port 25G and 8 port 100G
- 2 Tbps wire speed performance with 4GB buffer, 48 x 25G SFP and 8 x 100G QSFP
7280CR3-36S series: 36 port 100G with 200G/400G flexibility
- 2.4 Tbps wire speed performance with 4GB buffer, 36 x QSFP ports
- Flexible support for 1/10/25/40/50/100/200 and 400G
7280CR3-32P4 series: 32 port 100G and 4 port 400G
- 4.8 Tbps wire speed performance with 8GB buffer
- Supports 32 x 100G QSFP and 4 x 400G OSFP
7280CR3-32D4 series: 32 port 100G and 4 port 400G
- 4.8 Tbps wire speed performance with 8GB buffer
- Supports 32 x 100G QSFP and 4 x 400G QSFP-DD
7280PR3-24 series: 24 port 400G OSFP
- 9.6 Tbps wire speed performance with 16GB buffer
- Supports 24 x 400G OSFP or up to 96 x 100G
7280DR3-24 series: 24 port 400G QSFP-DD
- 9.6 Tbps wire speed performance with 16GB buffer
- Supports 24 x 400G QSFP-DD or up to 96 x 100G
7280CR3-96 series: 96 port QSFP100
- 9.6 Tbps wire speed performance with 16GB buffer
- Supports 96 x 100G QSFP or up to 192 x 50G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com