Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIT-7101-RK Datasheet(PDF) 20 Page - Arista Networks, Inc

Part # KIT-7101-RK
Description  7280R3 Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7101-RK Datasheet(HTML) 20 Page - Arista Networks, Inc

Back Button KIT-7101-RK Datasheet HTML 16Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 17Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 18Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 19Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 20Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 21Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 22Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 23Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 24Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
7280R3 Series | Ordering Information
7280P/DR3-24
Product Description
DCS-7280PR3-24-F
Arista 7280R3, 24x400GbE OSFP switch router, front to rear air, 2 x AC
DCS-7280PR3-24#
Arista 7280R3, 24x400GbE OSFP switch router, configurable fans and psu
DCS-7280PR3-24-M#
Arista 7280R3, 24x400GbE OSFP switch router, expn mem, configurable fans and psu
DCS-7280PR3K-24-F
Arista 7280R3, 24x400GbE OSFP switch router, large routes, front to rear air, 2 x AC
DCS-7280PR3K-24#
Arista 7280R3, 24x400GbE OSFP switch router, large routes, configurable fans and psu
DCS-7280DR3-24-F
Arista 7280R3, 24x400GbE QSFP-DD switch router, front to rear air, 2 x AC
DCS-7280DR3-24#
Arista 7280R3, 24x400GbE QSFP-DD switch router, configurable fans and psu
DCS-7280DR3-24-M#
Arista 7280R3, 24x400GbE QSFP-DD switch router, expn mem, configurable fans and psu
DCS-7280DR3K-24-F
Arista 7280R3, 24x400GbE QSFP-DD switch router, large routes, front to rear air, 2 x AC
DCS-7280DR3K-24#
Arista 7280R3, 24x400GbE QSFP-DD switch router, large routes, front to rear air, 2 x AC
PWR-1511-AC-RED
Arista PSU, 1RU, AC/DC, 1500W, FORWARD, 73.5MM
PWR-1511-DC-RED
Arista PSU, 1RU, DC/DC, 1500W, FORWARD, 73.5MM
FAN-7011H-F
Spare fan module for Arista 7000 Series 1RU High Speed Fan (front-to-rear airflow)
KIT-7001
Spare tool-free accessory kit (v2) for 1RU Arista switches. 2-post & 4-post mount. (2x C13-C14, 2m)
KIT-2POST-1U-NT
Spare tool-free 2-post mount kit (v2) for 1RU Arista tool-free switches
KIT-4POST-NT
Spare tool-free 4-post mount kit (v2) for 1RU Arista tool-free switches
KIT-7001-4POST-L
Spare extended tool-free 4-post mount kit (v2) for 1RU Arista tool-free switches. (82 - 107cm / 32 - 42")
KIT-GND-EXT-1RU
Arista 7000 Series 1RU Ground Extender Kit for NEBS compliance.
Note:
- Arista 7280R3 models that utilize the 2400W PSU ship with two C19-C20 power cables (2m). Other power cables must be ordered separately
- Front-to-rear means the air flows from the switch port side to the fan side. Rear to front means the air flows from the fan side to the switch port side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com