Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIT-7101-RK Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # KIT-7101-RK
Description  7280R3 Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7101-RK Datasheet(HTML) 2 Page - Arista Networks, Inc

  KIT-7101-RK Datasheet HTML 1Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 2Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 3Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 4Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 5Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 6Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 7Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 8Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
7280R3 Series | Technical Specifications
Software Defined Cloud Networks
Arista Software Defined Cloud Networking (SDCN), combines the principles that have made cloud computing the unstoppable force
that it is: automation, self service provisioning, and linear scaling of both performance and economics coupled with the trend in
Software Defined Networking that delivers: network virtualization, custom programmability, simplified architectures, and lower capital
expenditure. This combination creates a best-in-class software foundation for maximizing the value of the network to both the
enterprise and service provider data center. A new architecture for the most mission-critical location within the IT infrastructure that
simplifies management and provisioning, speeds up service delivery, lowers costs and creates opportunities for competitive
differentiation, while putting control and visibility back in the hands of the network and systems administrators.
The Four Pillars of Arista's Software Defined Cloud Networking:
Universal Cloud Network
• Scalable standards-based MLAG at Layer 2, ECMP for Layer 3 and EVPN for network virtualization flexibility
• Non blocking leaf-spine architecture for 10K-500K hosts
Cloud Control
• Standards based EOS with AEM, ZTP/ZTR, LANZ and DANZ
• Automated Monitoring for visibility and telemetry
Network Wide Virtualization
• Multi-vendor API Support with eAPI
• Support for VMWare and NSX with VXLAN and VMTracer
• Support for Openstack OVSDB
Network Applications and Automated Management
• Single point of network-wide state with Arista CloudVision
• Networked applications for workload mobility, smart systems rollback and upgrades and workflow telemetry
• Open Partner integration
Scaling Data Center High Performance Interconnects
The Arista 7280R3 Series deliver non-blocking switching capacity that enables dramatically faster and simpler network designs for data
centers and lower both capital and operational expenses. A wide range of modular systems with a single consistent EOS allows for
flexible selections at all tiers of the network and deployment scenarios including layer 2 MLAG, layer 3 ECMP, VXLAN Overlay and
Internet Peering.
Arista’s Multi-Chassis Link Aggregation (MLAG) technology supports a leaf and spine active/active L2 network topology. An Equal Cost
Multi-Path (ECMP) design at Layer 3 scales the network in a fully non-blocking, low-latency, two-stage network that provides
predictable and consistent application performance. The flexibility of the L2 and L3 multi-path design options combined with support
for open standards provides maximum flexibility, scalability and network wide virtualization that scales to hundreds of thousands of
hosts in a single two-tier design. Both designs support overlay networks via EVPN/VXLAN and can integrate with standards-based
overlay controller solutions.
The Arista 7280R3 Series FlexRoute engine provides the flexible scalability to support deployment as a routing platform with Internet
scale routing. Arista FlexRoute along with EOS NetDB enables innovation not natively available in merchant chipsets. Arista EOS
provides operational savings through visibility, automation and improved network operations.
Cloud Grade Routing
The 7280R3 series are key components of Arista’s portfolio of Cloud Grade Routing platforms that encompasses a wide choice of fixed
and modular systems. Combining Arista EOS’s proven and feature rich Service Provider functionality, telemetry and open
programmability with industry leading scale, density and power efficiency, the R3 series systems are designed for versatile deployment
in a wide variety of open networking environments. 
 
Next generation multi-service environments require flexibility, security and open programmability to leverage the power efficiency and
proven scale of cloud networks. The R3 Series routing solutions include large scale layer 2, layer 3 and EVPN based telco and cloud data
center designs, low latency MEC overlay fabrics, data center interconnect (DCI) with long haul optics, provider edge networks with
scaleable L2 and L3 VPN services, high density 100G/400G traffic engineered MPLS and SR-TE cores, 5G infrastructure and metro-
aggregation for the backhaul of E-LINE services.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com