Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIT-7101-RK Datasheet(PDF) 21 Page - Arista Networks, Inc

Part # KIT-7101-RK
Description  7280R3 Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7101-RK Datasheet(HTML) 21 Page - Arista Networks, Inc

Back Button KIT-7101-RK Datasheet HTML 17Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 18Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 19Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 20Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 21Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 22Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 23Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 24Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 25Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
7280R3 Series | Ordering Information
7280CR3-32P/D4
Product Description
DCS-7280CR3-32P4-F
Arista 7280R3, 32x100GbE QSFP and 4x400GbE OSFP switch router, front to rear air, 2 x AC
DCS-7280CR3-32P4-R
Arista 7280R3, 32x100GbE QSFP and 4x400GbE OSFP switch router, rear to front air, 2 x AC
DCS-7280CR3-32P4#
Arista 7280R3, 32x100GbE QSFP and 4x400GbE OSFP switch router, configurable fans and psu
DCS-7280CR3-32P4-M#
Arista 7280R3, 32x100GbE QSFP and 4x400GbE OSFP switch router, expn mem, configurable fans and psu
DCS-7280CR3K-32P4-F
Arista 7280R3, 32x100GbE QSFP and 4x400GbE OSFP switch router, large routes, front to rear air, 2 x AC
DCS-7280CR3K-32P4-R
Arista 7280R3, 32x100GbE QSFP and 4x400GbE OSFP switch router, large routes, rear to front air, 2 x AC
DCS-7280CR3K-32P4#
Arista 7280R3, 32x100GbE QSFP and 4x400GbE OSFP switch router, large routes, configurable fans and psu
DCS-7280CR3K-32P4A-F
Arista 7280R3, 32x100GbE QSFP and 4x400GbE OSFP switch router, large routes, front to rear air, 2 x AC
DCS-7280CR3K-32P4A-R
Arista 7280R3, 32x100GbE QSFP and 4x400GbE OSFP switch router, large routes, rear to front air, 2 x AC
DCS-7280CR3K-32P4A#
Arista 7280R3, 32x100GbE QSFP and 4x400GbE OSFP switch router, large routes, configurable fans and psu
DCS-7280CR3-32D4-F
Arista 7280R3, 32x100GbE QSFP and 4x400GbE QSFP-DD switch router, front to rear air, 2 x AC
DCS-7280CR3-32D4-R
Arista 7280R3, 32x100GbE QSFP and 4x400GbE QSFP-DD switch router, rear to front air, 2 x AC
DCS-7280CR3-32D4#
Arista 7280R3, 32x100GbE QSFP and 4x400GbE QSFP-DD switch router, configurable fans and psu
DCS-7280CR3-32D4-M#
Arista 7280R3, 32x100GbE QSFP and 4x400GbE QSFP-DD switch router, expn mem, configurable fans and psu
DCS-7280CR3K-32D4-F
Arista 7280R3, 32x100GbE QSFP and 4x400GbE QSFP-DD switch router, large routes, front to rear air, 2 x AC
DCS-7280CR3K-32D4-R
Arista 7280R3, 32x100GbE QSFP and 4x400GbE QSFP-DD switch router, large routes, rear to front air, 2 x AC
DCS-7280CR3K-32D4#
Arista 7280R3, 32x100GbE QSFP and 4x400GbE QSFP-DD switch router, large routes, configurable fans and psu
DCS-7280CR3K-32D4A-F
Arista 7280R3, 32x100GbE QSFP and 4x400GbE QSFP-DD switch router, large routes, front to rear air, 2 x AC
DCS-7280CR3K-32D4A-R
Arista 7280R3, 32x100GbE QSFP and 4x400GbE QSFP-DD switch router, large routes, rear to front air, 2 x AC
DCS-7280CR3K-32D4A#
Arista 7280R3, 32x100GbE QSFP and 4x400GbE QSFP-DD switch router, large routes, configurable fans and psu
PWR-1011-AC-RED
Arista PSU, 1RU, AC/DC, 1000W, FORWARD, 73.5MM
PWR-1011-AC-BLUE
Arista PSU, 1RU, AC/DC, 1000W, REVERSE, 73.5MM
PWR-1011-DC-RED
Arista PSU, 1RU, DC/DC, 1000W, FORWARD, 73.5MM
PWR-1011-DC-BLUE
Arista PSU, 1RU, DC/DC, 1000W, REVERSE, 73.5MM
FAN-7011H-F
Spare fan module for Arista 7000 Series 1RU High Speed Fan (front-to-rear airflow)
FAN-7011H-R
Spare fan module for Arista 7000 Series 1RU High Speed Fan (rear-to-front airflow)
KIT-7001
Spare tool-free accessory kit (v2) for 1RU Arista switches. 2-post & 4-post mount. (2x C13-C14, 2m)
KIT-2POST-1U-NT
Spare tool-free 2-post mount kit (v2) for 1RU Arista tool-free switches
KIT-4POST-NT
Spare tool-free 4-post mount kit (v2) for 1RU Arista tool-free switches
KIT-7001-4POST-L
Spare extended tool-free 4-post mount kit (v2) for 1RU Arista tool-free switches. (82 - 107cm / 32 - 42")
KIT-7101-D
Spare tool-free accessory kit (v3) for Arista switches. 4-post mount with deep chassis adapters. (2 x C13-C14, 2m)
KIT-7101-RK
Spare tool-free 4-post mount kit (v3). (Compatible with KIT-ADJ-RLR)
KIT-7101-LD-RK
Spare extended tool-free 4-post mount kit (v3), includes deep chassis adapters. (82 - 107cm / 32 - 42")
KIT-ADJ-RLR
Spare adapters for deep tool-free switches (pair) (Compatible with KIT 7101/7102 only)
KIT-GND-EXT-1RU
Arista 7000 Series 1RU Ground Extender Kit for NEBS compliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com