Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCH420V-R6 Datasheet(PDF) 3 Page - Amphenol Wilcoxon Sensing Technologies.

Part # PCH420V-R6
Description  Amphenol (Maryland) PCH Sensor Revision 1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

PCH420V-R6 Datasheet(HTML) 3 Page - Amphenol Wilcoxon Sensing Technologies.

  PCH420V-R6 Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 2Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 3Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 4Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 5Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 6Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 7Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 8Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 9Page - Amphenol Wilcoxon Sensing Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Page: 3/14
Amphenol (MD), Inc., Proprietary Information
Export Controlled Technical Data as specified on cover page
1. Introduction
Scope
The Wilcoxon, model PCH series sensor, revision 1 complies with HART Protocol Revision 7.5. This document specifies all
the device specific features and documents HART Protocol implementation details (e.g., the Engineering Unit Codes
supported). The functionality of this Field Device is described sufficiently to allow its proper application in a process and its
complete support in HART capable Host Applications.
Purpose
This specification is designed to complement other documentation (e.g., the Installation Manual) by providing a complete,
unambiguous description of this Field Device from a HART Communication perspective
Who should use this document?
The specification is designed to be a technical reference for HART capable Host Application Developers, System Integrators
and knowledgeable End Users. It also provides functional specifications (e.g., commands, enumerations and performance
requirements) used during Field Device development, maintenance and testing. This document assumes the reader is
familiar with HART Protocol requirements and terminology.
References
HART Smart Communications Protocol Specification. HCF_SPEC-12. Available from the HCF.
2. Device Identification
Manufacturer Name:
Wilcoxon
Model Name(s):
PCH420V-M12,
PCH420V-R6
Manufacture ID Code:
24,744 (0x60A8)
Device Type Code:
58,092(0xE2EC)
HART Protocol Revision
7.5
Device Revision:
1
Number of Device Variables
4
Physical Layers Supported
Bell202
Physical Device Category
Sensor, Vibration, Velocity
The model name and serial number are engraved on the case of the sensor.
3. Product Overview
The PCH series sensor is a loop powered vibration sensor with HART® interface. The sensor is a piezo-electric
accelerometer or velocity sensor (two hardware versions). The 4-20mA output is proportional to the level of vibration
measured at its mounting base. The sensor can transmit several banded vibration values and its own internal temperature via
HART®. Configuration and local calibration are performed through the digital communication interface.
® HART is a registered trademark of the HART Communication Foundation
® HART is a registered trademark of the HART Communication Foundation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com