Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCH420V-R6 Datasheet(PDF) 11 Page - Amphenol Wilcoxon Sensing Technologies.

Part # PCH420V-R6
Description  Amphenol (Maryland) PCH Sensor Revision 1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

PCH420V-R6 Datasheet(HTML) 11 Page - Amphenol Wilcoxon Sensing Technologies.

Back Button PCH420V-R6 Datasheet HTML 6Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 7Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 8Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 9Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 10Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 11Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 12Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 13Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 14Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Page: 11/14
Amphenol (MD), Inc., Proprietary Information
Export Controlled Technical Data as specified on cover page
12. Unit Conversion
12.1.
Temperature (degree C)
12.1.1. F = engineering value *1.8 +32
12.1.2. K = engineering value +273.1
12.1.3. R = engineering value *1.8 +491.67
12.2.
Velocity (inch per second)
12.2.1. m/s = engineering value * 0.0254
12.2.2. mm/s = engineering value *25.4
13. Performance
13.1.
Power-up
Power up is less than 5 seconds. Analog 4-20 output is stable in less than 10 seconds. This device has no special
requirements for the reset and power-down process.
13.2.
Command Response Times
Minimum
-15ms
Typical
-25mS
Maximum
-75mS
13.3.
Channel update time period
Typical
-250mS
13.4.
Non-Volatile Memory
The devices configuration parameters are stored in EEPROM. New data is written to this memory immediately on
execution of a write command.
13.5.
Modes
Fixed current mode, using command 40 is cleared by power loss or a reset command 42.
13.6.
Damping
Command 34 Damping is standard and affects only the PV and the loop signal. Additional damping is available
using device specific command 129, parameter “detector time constant”. This damping affects PV, SV and TV and
can be changed per channel.
13.7.
Specification sheet
– Vibration transmitters with HART protocal
Part number
– 99249



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com